Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL32498EIBZ Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL32498EIBZ
Szczegółowy opis  짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32498EIBZ Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL32498EIBZ Datasheet HTML 3Page - Intersil Corporation ISL32498EIBZ Datasheet HTML 4Page - Intersil Corporation ISL32498EIBZ Datasheet HTML 5Page - Intersil Corporation ISL32498EIBZ Datasheet HTML 6Page - Intersil Corporation ISL32498EIBZ Datasheet HTML 7Page - Intersil Corporation ISL32498EIBZ Datasheet HTML 8Page - Intersil Corporation ISL32498EIBZ Datasheet HTML 9Page - Intersil Corporation ISL32498EIBZ Datasheet HTML 10Page - Intersil Corporation ISL32498EIBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ISL32490E, ISL32492E, ISL32493E, ISL32495E, ISL32496E, ISL32498E
7
FN7786.0
January 18, 2011
tR, tF
Driver Differential Rise or Fall
Time
RD = 54Ω,
CD = 50pF
(Figure 4)
No CM Load
Full
400
650
1200
ns
-25V ≤ VCM ≤ 25V
Full
300
-
1200
ns
fMAX
Maximum Data Rate
CD = 820pF (Figure 6)
Full
0.25
1.5
-
Mbps
tZH
Driver Enable to Output High
SW = GND (Figure 5), (Note 9)
Full
-
-
1200
ns
tZL
Driver Enable to Output Low
SW = VCC (Figure 5), (Note 9)
Full
-
-
1200
ns
tLZ
Driver Disable from Output
Low
SW = VCC (Figure 5)
Full
-
-
120
ns
tHZ
Driver Disable from Output
High
SW = GND (Figure 5)
Full
-
-
120
ns
tSHDN
Time to Shutdown
(Note 11)
Full
60
160
600
ns
tZH(SHDN) Driver Enable from Shutdown
to Output High
SW = GND (Figure 5), (Notes 11, 12)
Full
-
-
2500
ns
tZL(SHDN)
Driver Enable from Shutdown
to Output Low
SW = VCC (Figure 5), (Notes 11, 12)
Full
-
-
2500
ns
DRIVER SWITCHING CHARACTERISTICS (1Mbps Versions; ISL32493E, ISL32495E)
tPLH, tPHL Driver Differential Output
Delay
RD = 54Ω,
CD = 50pF
(Figure 4)
No CM Load
Full
-
70
125
ns
-25V ≤ VCM ≤ 25V
Full
-
-
350
ns
tSKEW
Driver Differential Output
Skew
RD = 54Ω,
CD = 50pF
(Figure 4)
No CM Load
Full
-
4.5
15
ns
-25V ≤ VCM ≤ 25V
Full
-
-
25
ns
tR, tF
Driver Differential Rise or Fall
Time
RD = 54Ω,
CD = 50pF
(Figure 4)
No CM Load
Full
70
170
300
ns
-25V ≤ VCM ≤ 25V
Full
70
-
400
ns
fMAX
Maximum Data Rate
CD = 820pF (Figure 6)
Full
1
4-
Mbps
tZH
Driver Enable to Output High
SW = GND (Figure 5), (Note 9)
Full
-
-
350
ns
tZL
Driver Enable to Output Low
SW = VCC (Figure 5), (Note 9)
Full
-
-
300
ns
tLZ
Driver Disable from Output
Low
SW = VCC (Figure 5)
Full
-
-
120
ns
tHZ
Driver Disable from Output
High
SW = GND (Figure 5)
Full
-
-
120
ns
tSHDN
Time to Shutdown
(Note 11)
Full
60
160
600
ns
tZH(SHDN) Driver Enable from Shutdown
to Output High
SW = GND (Figure 5), (Notes 11, 12)
Full
-
-
2000
ns
tZL(SHDN)
Driver Enable from Shutdown
to Output Low
SW = VCC (Figure 5), (Notes 11, 12)
Full
-
-
2000
ns
DRIVER SWITCHING CHARACTERISTICS (15Mbps Versions; ISL32496E, ISL32498E)
tPLH, tPHL Driver Differential Output
Delay
RD = 54Ω,
CD = 50pF
(Figure 4)
No CM Load
Full
-
21
45
ns
-25V ≤ VCM ≤ 25V
Full
-
-
80
ns
tSKEW
Driver Differential Output
Skew
RD = 54Ω,
CD = 50pF
(Figure 4)
No CM Load
Full
-
3
6
ns
-25V ≤ VCM ≤ 25V
Full
-
-
7
ns
tR, tF
Driver Differential Rise or Fall
Time
RD = 54Ω,
CD = 50pF
(Figure 4)
No CM Load
Full
5
17
30
ns
-25V ≤ VCM ≤ 25V
Full
5
-
30
ns
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = +25°C (Note 6).
Boldface limits apply over the operating temperature range, -40°C to +85°C.
(Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 14)
TYP
MAX
(Note 14)
UNITS


Podobny numer części - ISL32498EIBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL32498EIBZ INTERSIL-ISL32498EIBZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Renesas Technology Corp
ISL32498EIBZ RENESAS-ISL32498EIBZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results

Podobny opis - ISL32498EIBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Texas Instruments
SN65HVD1780-Q1 TI1-SN65HVD1780-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Fault-Protected RS-485 Transceivers
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com