Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK3067 Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części 2SK3067
Szczegółowy opis  Chopper Regulator, DC?묭C Converter and Motor Drive
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3067 Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  2SK3067_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3067_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3067_09 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SK3067
2009-09-29
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
μA
Gate−source breakdown voltage
V (BR) GSS
IG = ±10 μA, VDS = 0 V
±30
V
Drain cut−off current
IDSS
VDS = 600 V, VGS = 0 V
100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
600
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 1 A
4.2
5.0
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 1 A
0.8
1.7
S
Input capacitance
Ciss
380
Reverse transfer capacitance
Crss
40
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
120
pF
Rise time
tr
15
Turn−on time
ton
25
Fall time
tf
20
Switching time
Turn−off time
toff
80
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
9
Gate−source charge
Qgs
5
Gate−drain (“miller”) charge
Qgd
VDD ≈ 480 V, VGS = 10 V, ID = 2 A
4
nC
Source−Drain Ratings and Characteristics (Tc = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current(Note 1)
IDR
2
A
IDRP
t = 1 ms
5
A
Pulse drain reverse current
(Note 1)
IDRP
t = 100 μs
8
A
Forward voltage (diode)
VDSF
IDR = 2 A, VGS = 0 V
−1.5
V
Reverse recovery time
trr
1000
ns
Reverse recovery charge
Qrr
IDR = 2 A, VGS = 0 V
dIDR / dt = 100 A / μs
5.0
μC
Marking
Note 4: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.
Lot No.
Note 4
K3067
Part No. (or abbreviation code)


Podobny numer części - 2SK3067_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK3067 TOSHIBA-2SK3067_06 Datasheet
151Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results

Podobny opis - 2SK3067_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SJ508 TOSHIBA-2SJ508_09 Datasheet
220Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ525 TOSHIBA-2SJ525_09 Datasheet
142Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ537 TOSHIBA-2SJ537_09 Datasheet
234Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3089 TOSHIBA-2SK3089_09 Datasheet
164Kb / 3P
   Chopper Regulator DC?묭C Converter, and Motor Drive
2SJ509 TOSHIBA-2SJ509_09 Datasheet
161Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3312 TOSHIBA-2SK3312_09 Datasheet
323Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3051 TOSHIBA-2SK3051_09 Datasheet
165Kb / 3P
   Chopper Regulator DC?묭C Converter, and Motor Drive
2SK3090 TOSHIBA-2SK3090_09 Datasheet
181Kb / 3P
   Chopper Regulator DC?묭C Converter and Motor Drive
2SK2312F TOSHIBA-2SK2312F Datasheet
397Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
2SK2507F TOSHIBA-2SK2507F Datasheet
425Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com