Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK3090 Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części 2SK3090
Szczegółowy opis  Chopper Regulator DC?묭C Converter and Motor Drive
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3090 Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  2SK3090_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3090_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3090_09 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SK3090
2009-09-29
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cut−off current
IDSS
VDS = 30 V, VGS = 0 V
100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
30
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.5
3.0
V
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 25 A
16
20
mΩ
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 25 A
13
26
S
Input capacitance
Ciss
1500
Reverse transfer capacitance
Crss
480
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
680
pF
Rise time
tr
11
Turn−on time
ton
18
Fall time
tf
60
Switching time
Turn−off time
toff
130
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
39
Gate−source charge
Qgs
25
Gate−drain (“miller”) charge
Qgd
VDD ≈ 24 V, VGS = 10 V, ID = 45 A
14
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
45
A
Pulse drain reverse current
(Note 1)
IDRP
135
A
Forward voltage (diode)
VDSF
IDR = 45 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
100
ns
Reverse recovery charge
Qrr
IDR = 45 A, VGS = 0 V
dIDR / dt = 50 A / μs
200
nC
Marking
Note 4: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.
Lot No.
Note 4
K3090
Part No. (or abbreviation code)


Podobny numer części - 2SK3090_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK3090 TOSHIBA-2SK3090_06 Datasheet
209Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator DC−DC Converter, and Motor Drive Applications
More results

Podobny opis - 2SK3090_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SJ508 TOSHIBA-2SJ508_09 Datasheet
220Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3067 TOSHIBA-2SK3067_09 Datasheet
136Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ525 TOSHIBA-2SJ525_09 Datasheet
142Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ537 TOSHIBA-2SJ537_09 Datasheet
234Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3089 TOSHIBA-2SK3089_09 Datasheet
164Kb / 3P
   Chopper Regulator DC?묭C Converter, and Motor Drive
2SJ509 TOSHIBA-2SJ509_09 Datasheet
161Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3312 TOSHIBA-2SK3312_09 Datasheet
323Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3051 TOSHIBA-2SK3051_09 Datasheet
165Kb / 3P
   Chopper Regulator DC?묭C Converter, and Motor Drive
2SK2312F TOSHIBA-2SK2312F Datasheet
397Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
2SK2507F TOSHIBA-2SK2507F Datasheet
425Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com