Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK3236 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części 2SK3236
Szczegółowy opis  Switching Regulator Applications, DC-DC Converter and
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3236 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  2SK3236 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK3236
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
2SK3236
Switching Regulator Applications, DC-DC Converter and
Motor Drive Applications
• 4-V gate drive
• Low drain-source ON resistance: RDS (ON) = 13.5 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 42 S (typ.)
• Low leakage current: IDSS = 100 μA (max) (VDS = 60 V)
• Enhancement model: Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
60
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
60
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
35
Drain current
Pulse
(Note 1)
IDP
105
A
Drain power dissipation (Tc
= 25°C)
PD
30
W
Single pulse avalanche energy
(Note 2)
EAS
68
mJ
Avalanche current
IAR
35
A
Repetitive avalanche energy (Note 3)
EAR
3.0
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
4.16
°C/W
Thermal resistance, channel to ambient
Rth (ch-a)
62.5
°C/W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 50 V, Tch = 25°C, L = 40 μH, RG = 25 Ω, IAR = 35 A
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
JEDEC
JEITA
SC-67
TOSHIBA
2-10R1B
Weight: 1.9 g (typ.)


Podobny numer części - 2SK3236

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK3236 TOSHIBA-2SK3236 Datasheet
228Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
2SK3236 TOSHIBA-2SK3236 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK3236 ISC-2SK3236 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3236 TOSHIBA-2SK3236_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
More results

Podobny opis - 2SK3236

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK3398 TOSHIBA-2SK3398 Datasheet
217Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_10 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471_10 Datasheet
149Kb / 3P
   Switching Regulator and DC-DC Converter Applications
2SK3373 TOSHIBA-2SK3373 Datasheet
222Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444_09 Datasheet
200Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3302 TOSHIBA-2SK3302 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445_09 Datasheet
189Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3538 TOSHIBA-2SK3538 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440_09 Datasheet
188Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com