Zakładka z wyszukiwarką danych komponentów |
|
2SK3443 Arkusz danych(PDF) 2 Page - Toshiba Semiconductor |
|
2SK3443 Arkusz danych(HTML) 2 Page - Toshiba Semiconductor |
2 / 6 page 2SK3443 2009-09-29 2 Electrical Characteristics (Note 4) (Ta = 25°C) Characteristics Symbol Test Condition Min Typ. Max Unit Gate leakage current IGSS VGS = ±25 V, VDS = 0 V ⎯ ⎯ ±10 μA Drain cut-off current IDSS VDS = 150 V, VGS = 0 V ⎯ ⎯ 100 μA Drain-source breakdown voltage V (BR) DSS ID = 10 mA, VGS = 0 V 150 ⎯ ⎯ V Gate threshold voltage Vth VDS = 10 V, ID = 1 mA 3.0 ⎯ 5.0 V Drain-source ON resistance RDS (ON) VGS = 10 V, ID = 15 A ⎯ 50 55 m Ω Forward transfer admittance ⎪Yfs⎪ VDS = 10 V, ID = 15 A 4.5 9 ⎯ S Input capacitance Ciss ⎯ 2030 ⎯ Reverse transfer capacitance Crss ⎯ 340 ⎯ Output capacitance Coss VDS = 10 V, VGS = 0 V, f = 1 MHz ⎯ 1200 ⎯ pF Rise time tr ⎯ 20 ⎯ Turn-on time ton ⎯ 40 ⎯ Fall time tf ⎯ 10 ⎯ Switching time Turn-off time toff ⎯ 40 ⎯ ns Total gate charge (gate-source plus gate-drain) Qg ⎯ 45 ⎯ Gate-source charge Qgs ⎯ 21 ⎯ Gate-drain (“miller”) charge Qgd VDD ∼− 120 V, VGS = 10 V, ID = 30 A ⎯ 24 ⎯ nC Note 4: Connect the S1 and S2 pins together, and ground them except during switching time measurement. Source-Drain Diode Ratings and Characteristics (Note 5) (Ta = 25°C) Characteristics Symbol Test Condition Min Typ. Max Unit Continuous drain reverse current (Note 1, Note 5) IDR1 ⎯ ⎯ ⎯ 30 A Pulse drain reverse current (Note 1, Note 5) IDRP1 ⎯ ⎯ ⎯ 120 A Continuous drain reverse current (Note 1, Note 5) IDR2 ⎯ ⎯ ⎯ 1 A Pulse drain reverse current (Note 1, Note 5) IDRP2 ⎯ ⎯ ⎯ 4 A Forward voltage (diode) VDS2F IDR1 = 30 A, VGS = 0 V ⎯ ⎯ −1.5 V Reverse recovery time trr ⎯ 250 ⎯ ns Reverse recovery charge Qrr IDR = 30 A, VGS = 0 V, dIDR/dt = 100 A/μs ⎯ 1.75 ⎯ μC Note 5: IDR1, IDRP1: Current flowing between the drain and the S2 pin. Ensure that the S1 pin is left open. IDR2, IDRP2: Current flowing between the drain and the S1 pin. Ensure that the S2 pin is left open. Unless otherwise specified, connect the S1 and S2 pins together, and ground them. Marking Note 6: A line under a Lot No. identifies the indication of product Labels. Not underlined: [[Pb]]/INCLUDES > MCV Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]] Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27 January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment. Note 6 K3443 Lot No. Characteristics indicator Part No. (or abbreviation code) Duty <= 1%, tw = 10 μs 0 V 10 V VGS1 RL = 5.0 Ω VDD ∼− 75 V ID = 15 A VOUT G S1 D S2 |
Podobny numer części - 2SK3443 |
|
Podobny opis - 2SK3443 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |