Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75281 Arkusz danych(PDF) 9 Page - Sanyo Semicon Device

Numer części LC75281
Szczegółowy opis  Parametric Equalizer System
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75281 Arkusz danych(HTML) 9 Page - Sanyo Semicon Device

Back Button LC75281 Datasheet HTML 2Page - Sanyo Semicon Device LC75281 Datasheet HTML 3Page - Sanyo Semicon Device LC75281 Datasheet HTML 4Page - Sanyo Semicon Device LC75281 Datasheet HTML 5Page - Sanyo Semicon Device LC75281 Datasheet HTML 6Page - Sanyo Semicon Device LC75281 Datasheet HTML 7Page - Sanyo Semicon Device LC75281 Datasheet HTML 8Page - Sanyo Semicon Device LC75281 Datasheet HTML 9Page - Sanyo Semicon Device LC75281 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
No. 5913-9/10
LC75281E
Gain Characteristics (Peaking)
Gain Characteristics (Shelving)
Frequency, f — Hz
Q Characteristics (Peaking)
Frequency, f — Hz
Q Characteristics (Shelving) - 1
Frequency, f — Hz
Q Characteristics (Shelving) - 2
Frequency, f — Hz
Center Frequency Characteristics (Shelving)
Frequency, f — Hz
Frequency, f — Hz
Center Frequency Characteristics (Peaking)
Frequency, f — Hz
Low band
Vin = –20 dB V
External capacitor: Cf = 0.047 µF
Settings: f0 = f11
Q = Q1
Low band
Vin = –20 dB V
External capacitor: Cf = 0.047 µF
Settings: G = ±12 dB
Q = Q1
Low band
Vin = –20 dB V
External capacitor: Cf = 0.047 µF
Settings: f0 = f11
Q = Q1
Low band
Vin = –20 dB V
External capacitor:
Cf = 0.047 µF
Settings: f0 = f11
G = –12 dB
Low mid band
Vin = –20 dB V
External capacitor: Cf = 0.01 µF
Settings: G = ±12 dB
Q = Q4
High mid band
Vin = –20 dB V
External capacitor: Cf = 0.0022 µF
Settings: f0 = f17
G = ±12 dB
Low band
Vin = –20 dB V
External capacitor:
Cf = 0.047 µF
Settings: f0 = f11
Q = Q1


Podobny numer części - LC75281

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC7520 SANYO-LC7520 Datasheet
244Kb / 2P
   GRAPHIC EQUALIZER VOLUME CONTROLLER FOR HOME STEREO, MUSIC CENTER USE
LC7522 SANYO-LC7522 Datasheet
329Kb / 5P
   ELECTORONIC VOLUME CONTROL FOR GRAPHIC EQUALIZER
LC7527 SANYO-LC7527 Datasheet
244Kb / 11P
   Graphic Equalizer System
LC7527E SANYO-LC7527E Datasheet
244Kb / 11P
   Graphic Equalizer System
More results

Podobny opis - LC75281

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LV3100M SANYO-LV3100M Datasheet
425Kb / 9P
   Parametric Equalizer
logo
Keysight Technologies
4082A KEYSIGHT-4082A Datasheet
297Kb / 21P
   Parametric Test System
4082F KEYSIGHT-4082F Datasheet
324Kb / 23P
   Flash Memory Cell Parametric Test System
logo
Sanyo Semicon Device
LC7527E SANYO-LC7527E Datasheet
244Kb / 11P
   Graphic Equalizer System
logo
Sony Corporation
CXB1441R SONY-CXB1441R Datasheet
163Kb / 11P
   Cable Equalizer with 2-system Switching Function
logo
Keysight Technologies
U2941A KEYSIGHT-U2941A Datasheet
1Mb / 6P
   Parametric Test Fixture
E6708A KEYSIGHT-E6708A Datasheet
98Kb / 4P
   RF Parametric and Functional Test
logo
Sony Corporation
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
logo
Cirrus Logic
WM9081 CIRRUS-WM9081 Datasheet
2Mb / 103P
   Mono DAC with 2.6W Class AB/D Speaker Driver, Dynamic Range Controller and ReTune??Mobile Parametric Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com