Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC7535M Arkusz danych(PDF) 6 Page - Sanyo Semicon Device

Numer części LC7535M
Szczegółowy opis  Electronic Volume/Loudness Control with Serial Data Control and High Voltage-Handling Capacity
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7535M Arkusz danych(HTML) 6 Page - Sanyo Semicon Device

  LC7535M Datasheet HTML 1Page - Sanyo Semicon Device LC7535M Datasheet HTML 2Page - Sanyo Semicon Device LC7535M Datasheet HTML 3Page - Sanyo Semicon Device LC7535M Datasheet HTML 4Page - Sanyo Semicon Device LC7535M Datasheet HTML 5Page - Sanyo Semicon Device LC7535M Datasheet HTML 6Page - Sanyo Semicon Device LC7535M Datasheet HTML 7Page - Sanyo Semicon Device LC7535M Datasheet HTML 8Page - Sanyo Semicon Device LC7535M Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Control System Timing and Data Format
The stipulated serial data must be input to the CL, DI, and CE pins to control the LC7535M. The data consists of a total
of 20 bits, of which 4 bits are address and 16 bits are data.
No. 5760-6/9
LC7535M
Address code
Right channel 5-dB step control
Right channel 1-dB step control
Note *: To minimize switching
noise, applications should
input dummy data in the
following sequence: –79 dB
→ dummy → –∞
S pin
Set state
Set state
Loudness
1: On
0: Off
Left channel 5-dB step control
(identical to the right channel)
Left channel 1-dB step control
(identical to the right channel)
Dummy *


Podobny numer części - LC7535M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC7535P SANYO-LC7535P Datasheet
86Kb / 6P
   High-voltage, Two-channel Electronic Attenuator
More results

Podobny opis - LC7535M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC7536R SANYO-LC7536R Datasheet
111Kb / 6P
   High Breakdown Voltage Serial Control Electronic Volume Control
logo
ACE Technology Co., LTD...
ACE624 ACE-ACE624 Datasheet
169Kb / 8P
   Serial data control dual electronic volume
VER 1.2
logo
Unisonic Technologies
U2429 UTC-U2429_15 Datasheet
207Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M62429P RENESAS-M62429P Datasheet
120Kb / 9P
   Serial Data Control Dual Electronic Volume
logo
Mitsubishi Electric Sem...
M62429P MITSUBISHI-M62429P Datasheet
32Kb / 6P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Unisonic Technologies
U2429 UTC-U2429 Datasheet
102Kb / 5P
   SERIAL DATA CONTROL DUAL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M61545AFP RENESAS-M61545AFP Datasheet
303Kb / 12P
   Serial Data Control Dual Electronic Volume
logo
Silan Microelectronics ...
SC9260 SILAN-SC9260 Datasheet
216Kb / 12P
   2CH ELECTRONIC VOLUME CONTROLLER CONTROLLED BY SERIAL INTERFACE WITH LOUDNESS CONTROL
logo
Shenzhenshi YONGFUKANG ...
CSC62429 YONGFUKANG-CSC62429 Datasheet
201Kb / 5P
   Serial data controlled dual channel electronic volume control
logo
Sony Corporation
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
   Electronic volume control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com