Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75373E Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LC75373E
Szczegółowy opis  Electronic Volume Control for Car Stereo Systems
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75373E Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LC75373E Datasheet HTML 1Page - Sanyo Semicon Device LC75373E Datasheet HTML 2Page - Sanyo Semicon Device LC75373E Datasheet HTML 3Page - Sanyo Semicon Device LC75373E Datasheet HTML 4Page - Sanyo Semicon Device LC75373E Datasheet HTML 5Page - Sanyo Semicon Device LC75373E Datasheet HTML 6Page - Sanyo Semicon Device LC75373E Datasheet HTML 7Page - Sanyo Semicon Device LC75373E Datasheet HTML 8Page - Sanyo Semicon Device LC75373E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CMOS LSI
Ordering number : EN5588
22798HA (OT) No. 5588-1/21
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Electronic Volume Control
for Car Stereo Systems
LC75373E
Overview
The LC75373E is an electronic volume control that can
implement volume, balance, fader, bass/treble + super
bass, loudness, input switching, and input/output level
control functions with a minimal number of external
components.
Functions
• Volume: Provides 81 positions, from 0 dB to –79 dB (in
1-dB steps) and –
∞. A balance function can be
implemented by controlling the left and right channels
independently.
• Fader: This function can attenuate either the rear or the
front outputs over 16 positions. (From 0 to –20 dB in
2-dB steps, from –20 to –25 dB in one 5-dB step, from
–25 to –45 dB in 10-dB steps, –60 dB, and –
∞.)
• Bass/treble: Forms an NF-type tone control circuit with
the addition of external capacitors. The base and treble
controls each have 15 positions.
• Input gain: The input signal can be amplified from 0 dB
to +18.75 dB in 1.25 dB steps.
• Output gain: One of two output of 0 dB and + 6.5 dB
can be selected for fader output.
• Input switch: The signal can be selected from one of
four inputs for each of the left and right channels.
• Super bass: The position of super bass can be controlled
in 11 steps.
Features
• On-chip buffer amplifiers for a minimum of external
components.
• Built-in reference voltage generation circuit
• Serial data input: Supports CCB format communication
with the system controller.
Package Dimensions
unit: mm
3148-QFP44MA
SANYO: QIP44MA
[LC75373E]
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
11
V
Maximum input voltage
VIN max
CL, DI, CE
VSS – 0.3 to VDD + 0.3
V
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–50 to +125
°C


Podobny numer części - LC75373E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC7537 SANYO-LC7537 Datasheet
284Kb / 11P
   Electronic Volume Control System for Audio Equipment
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
LC75372E SANYO-LC75372E Datasheet
481Kb / 18P
   Electronic Volume Control for Car Stereo Systems
LC75374E SANYO-LC75374E Datasheet
383Kb / 17P
   Electronic Volume and Tone Control for Car Stereos
LC7537AN SANYO-LC7537AN Datasheet
284Kb / 11P
   Electronic Volume Control System for Audio Equipment
More results

Podobny opis - LC75373E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75372E SANYO-LC75372E Datasheet
481Kb / 18P
   Electronic Volume Control for Car Stereo Systems
LC75386NE SANYO-LC75386NE Datasheet
320Kb / 20P
   Electronic Volume and Tone Control for Car Stereo Systems
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LC75412WS SANYO-LC75412WS Datasheet
185Kb / 19P
   Electronic Volume Controller for Car Audio Systems
LC75411ES SANYO-LC75411ES Datasheet
891Kb / 33P
   Electronic Volume Controller for Car Audio Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com