Zakładka z wyszukiwarką danych komponentów |
|
2N3440L Arkusz danych(PDF) 2 Page - Microsemi Corporation |
|
2N3440L Arkusz danych(HTML) 2 Page - Microsemi Corporation |
2 / 2 page TECHNICAL DATA SHEET 6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803 Website: http: //www.microsemi.com NPN LOW POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/368 T4-LDS-0022 Rev. 2 (080663) Page 2 of 2 ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted) (CONT.) Parameters / Test Conditions Symbol Min. Max. Unit ON CHARACTERISTICS (3) Forward-Current Transfer Ratio IC = 20mAdc, VCE = 10Vdc IC = 2.0mAdc, VCE = 10Vdc IC = 0.2mAdc, VCE = 10Vdc hFE 40 30 10 160 Collector-Emitter Saturation Voltage IC = 50mAdc, IB = 4.0mAdc VCE(sat) 0.5 Vdc Base-Emitter Saturation Voltage IC = 50mAdc, IB = 4.0mAdc VBE(sat) 1.3 Vdc DYNAMIC CHARACTERISTICS Parameters / Test Conditions Symbol Min. Max. Unit Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 10mAdc, VCE = 10Vdc, f = 5.0MHz |hfe| 3.0 15 Forward Current Transfer Ratio IC = 5.0mAdc, VCE = 10V, f = 1.0kHz hfe 25 Output Capacitance VCB = 10Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz Cobo 10 pF Input Capacitance VEB = 5.0Vdc, IC = 0, 100kHz ≤ f ≤ 1.0MHz Cibo 75 pF SWITCHING CHARACTERISTICS Parameters / Test Conditions Symbol Min. Max. Unit Turn-On Time VCC = 200Vdc; IC = 20mAdc, IB1 = 2.0mAdc ton 1.0 µs Turn-Off Time VCC = 200Vdc; IC = 20mAdc, IB1 = -IB2 = 2.0mAdc toff 10 µs SAFE OPERATING AREA DC Tests TC = +25°C, 1 Cycle, t = 1.0s Test 1 VCE = 5.0Vdc, IC = 1.0Adc Both Types Test 2 VCE = 350Vdc, IC = 14mAdc 2N3439 Test 3 VCE = 250Vdc, IC = 20mAdc 2N3440 (3) Pulse Test: Pulse Width = 300µs, Duty Cycle ≤ 2.0% |
Podobny numer części - 2N3440L |
|
Podobny opis - 2N3440L |