Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N2221AUA Arkusz danych(PDF) 3 Page - Microsemi Corporation

Numer części 2N2221AUA
Szczegółowy opis  NPN SILICON SWITCHING TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2221AUA Arkusz danych(HTML) 3 Page - Microsemi Corporation

  2N2221AUA Datasheet HTML 1Page - Microsemi Corporation 2N2221AUA Datasheet HTML 2Page - Microsemi Corporation 2N2221AUA Datasheet HTML 3Page - Microsemi Corporation 2N2221AUA Datasheet HTML 4Page - Microsemi Corporation 2N2221AUA Datasheet HTML 5Page - Microsemi Corporation 2N2221AUA Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0060 Rev. 2 (100247)
Page 3 of 6
PACKAGE DIMENSIONS
NOTES:
Dimensions
1. Dimensions are in inches.
Symbol
Inches
Millimeters
Note
2. Millimeters are given for general information only.
Min
Max
Min
Max
3. Beyond r (radius) maximum, TL shall be held for a minimum length
CD
.178
.195
4.52
4.95
of .011 inch (0.28 mm).
CH
.170
.210
4.32
5.33
4. Dimension TL measured from maximum HD.
HD
.209
.230
5.31
5.84
5. Body contour optional within zone defined by HD, CD, and Q.
LC
.100 TP
2.54 TP
6
6. Leads at gauge plane .054 +.001 -.000 inch (1.37 +0.03 -0.00 mm)
LD
.016
.021
0.41
0.53
7,8
below seating plane shall be within .007 inch (0.18 mm) radius of
LL
.500
.750
12.70
19.05
7,8,13
true position (TP) at maximum material condition (MMC) relative to
LU
.016
.019
0.41
0.48
7,8
tab at MMC.
L1
.050
1.27
7,8
7. Dimension LU applies between L1 and L2. Dimension LD applies
L2
.250
6.35
7,8
between L2 and LL minimum. Diameter is uncontrolled in L1 and
P
.100
2.54
beyond LL minimum.
Q
.030
0.76
5
8. All three leads.
TL
.028
.048
0.71
1.22
3,4
9. The collector shall be internally connected to the case.
TW
.036
.046
0.91
1.17
3
10. Dimension r (radius) applies to both inside corners of tab.
r
.010
0.25
10
11. In accordance with ASME Y14.5M, diameters are equivalent to
φx
α
45
° TP
45
° TP
6
symbology.
1, 2, 9, 11, 12, 13
12. Lead 1 = emitter, lead 2 = base, lead 3 = collector.
13. For L suffix devices, dimension LL = 1.5 inches (38.10 mm) min.
and 1.75 inches (44.45 mm) max.
FIGURE 1. Physical dimensions (similar to TO-18).


Podobny numer części - 2N2221AUA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
2N2221AUA MICROSEMI-2N2221AUA Datasheet
58Kb / 2P
   NPN SILICON SWITCHING TRANSISTOR
120101
2N2221AUA MICROSEMI-2N2221AUA Datasheet
144Kb / 7P
   RADIATION HARDENED
2N2221AUA MICROSEMI-2N2221AUA Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
2N2221AUA MICROSEMI-2N2221AUA Datasheet
142Kb / 6P
   TECHNICAL DATA SHEET NPN SILICON SWITCHING TRANSISTOR
More results

Podobny opis - 2N2221AUA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
   Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
   Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
   NPN Silicon Switching Transistor
Nov-30-2001
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
   NPN Silicon Switching Transistor
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
   Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
   Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
STMicroelectronics
MJE13007A STMICROELECTRONICS-MJE13007A Datasheet
63Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com