Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC7584 Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LC7584
Szczegółowy opis  General-Purpose 1/2 Duty LCD Display Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7584 Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LC7584 Datasheet HTML 1Page - Sanyo Semicon Device LC7584 Datasheet HTML 2Page - Sanyo Semicon Device LC7584 Datasheet HTML 3Page - Sanyo Semicon Device LC7584 Datasheet HTML 4Page - Sanyo Semicon Device LC7584 Datasheet HTML 5Page - Sanyo Semicon Device LC7584 Datasheet HTML 6Page - Sanyo Semicon Device LC7584 Datasheet HTML 7Page - Sanyo Semicon Device LC7584 Datasheet HTML 8Page - Sanyo Semicon Device LC7584 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Overview
The LC75842E is a 1/2 duty general-purpose LCD display
driver for applications such as microprocessor-controlled
electronic tuning. It can drive up to 54 segments directly.
Features
• 1/2 duty, 1/2 bias drive of up to 54 segments
• Serial data input supports CCB* format communication
with the system controller.
• Backup function which is based on a power saving
mode and all segments off functions that are controlled
by serial data.
• High generality, since display data is displayed directly
without decoder intervention.
• The display can be forced to the off state with the INH
pin.
• RC oscillator circuit
Package Dimensions
unit: mm
3162B-QFP36
CMOS LSI
41096HA (OT)/61595HA (OT) No. 4966-1/9
SANYO: QFP36
[LC75842E]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
General-Purpose 1/2 Duty LCD Display Driver
LC75842E
Ordering number : EN4966A
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
–0.3 to +6.5
V
Input voltage
VIN1
CE, CL, DI, INH
–0.3 to +6.5
V
VIN2
OSC
–0.3 to VDD + 0.3
V
Output voltage
VOUT
OSC, S1 to S27, COM1, COM2
–0.3 to VDD + 0.3
V
Output current
IOUT1
S1 to S27
100
µA
IOUT2
COM1, COM2
1
mA
Allowable power dissipation
Pd max
Ta = 85°C
100
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD*
4.0
5.0
6.0
V
Input high level voltage
VIH
CE, CL, DI, INH
0.8 VDD
6.0
V
Input low level voltage
VIL
CE, CL, DI, INH
0
0.2 VDD
V
Recommended external resistance
ROSC
OSC
68
k
Recommended external capacitance
COSC
OSC
680
pF
Guaranteed oscillator range
fOSC
OSC
25
50
100
kHz
Allowable Operating Ranges at Ta = –40 to +85°C, VSS = 0 V
Note: * Please contact your Sanyo sales representative if you need to operate the LC75842E at a power supply voltage VDD of 3.0 V (min.).
Continued on next page.


Podobny numer części - LC7584

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC7584 SANYO-LC7584 Datasheet
133Kb / 14P
   1/4 Duty General-Purpose LCD Driver
LC75841PE SANYO-LC75841PE Datasheet
115Kb / 18P
   General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75841PE ONSEMI-LC75841PE Datasheet
257Kb / 19P
   Static Drive, 1/2-Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75841PE-H ONSEMI-LC75841PE-H Datasheet
257Kb / 19P
   Static Drive, 1/2-Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75841PES-H ONSEMI-LC75841PES-H Datasheet
257Kb / 19P
   Static Drive, 1/2-Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
More results

Podobny opis - LC7584

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ENA0712 ONSEMI-ENA0712 Datasheet
174Kb / 22P
   1/2-Duty Drive General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
   1/4 Duty General-Purpose LCD Display Driver???
LC75874E SANYO-LC75874E Datasheet
431Kb / 16P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
EN6235 ONSEMI-EN6235 Datasheet
180Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
   1/3 Duty General-Purpose LCD Display Driver????
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
ENA1462 ONSEMI-ENA1462 Datasheet
207Kb / 22P
   Duty General-Purpose LCD Display Driver
July, 2013
LC450029PKB ONSEMI-LC450029PKB Datasheet
204Kb / 25P
   Duty General-Purpose LCD Display Driver
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com