Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75863E Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LC75863E
Szczegółowy opis  1/3 Duty LCD Display Drivers with Key Input Function
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75863E Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LC75863E Datasheet HTML 1Page - Sanyo Semicon Device LC75863E Datasheet HTML 2Page - Sanyo Semicon Device LC75863E Datasheet HTML 3Page - Sanyo Semicon Device LC75863E Datasheet HTML 4Page - Sanyo Semicon Device LC75863E Datasheet HTML 5Page - Sanyo Semicon Device LC75863E Datasheet HTML 6Page - Sanyo Semicon Device LC75863E Datasheet HTML 7Page - Sanyo Semicon Device LC75863E Datasheet HTML 8Page - Sanyo Semicon Device LC75863E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Ordering number : ENN7135
D2001TN (OT) No. 7135-1/24
Overview
The LC75863E and LC75863W are 1/3 duty LCD display
drivers that can directly drive up to 75 segments and can
control up to four general-purpose output ports. These
products also incorporate a key scan circuit that accepts
input from up to 30 keys to reduce printed circuit board
wiring.
Features
• Key input function for up to 30 keys (A key scan is
performed only when a key is pressed.)
• 1/3duty - 1/2bias and 1/3duty - 1/3bias drive schemes
can be controlled from serial data (up to 75 segments).
• Sleep mode and all segments off functions that are
controlled from serial data.
• Segment output port/general-purpose output port
function switching that is controlled from serial data.
• Serial data I/O supports CCB format communication
with the system controller.
• Direct display of display data without the use of a
decoder provides high generality.
• Independent VLCD for the LCD driver block (VLCD can
be set to in the range VDD-0.5 to 6.0 volts.)
• Provision of an on-chip voltage-detection type reset
circuit prevents incorrect displays.
• RC oscillator circuit.
Package Dimensions
unit: mm
3156-QIP48E
unit: mm
3163A-SQFP48
14.0
17.2
1.5
1.5
1.6
0.15
0.35
0.1
15.6
0.8
1.0
1
48
12
13
24
25
36
37
2.7
SANYO: QIP48E
[LC75863E]
0.5
0.15
0.18
0.75
0.5
0.75
0.5
112
13
24
25
36
37
48
7.0
9.0
SANYO: SQFP48
[LC75863W]
LC75863E, 75863W
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
1/3 Duty LCD Display Drivers with Key Input Function
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.


Podobny numer części - LC75863E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
More results

Podobny opis - LC75863E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75804E SANYO-LC75804E Datasheet
297Kb / 37P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Princeton Technology Co...
PT16557 PTC-PT16557 Datasheet
617Kb / 8P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75864E SANYO-LC75864E Datasheet
188Kb / 26P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75884E SANYO-LC75884E Datasheet
611Kb / 27P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75857E SANYO-LC75857E Datasheet
428Kb / 39P
   CMOS IC 1/3, 1/4 Duty LCD Display Drivers with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com