Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75884 Arkusz danych(PDF) 10 Page - Sanyo Semicon Device

Numer części LC75884
Szczegółowy opis  1/4 Duty LCD Display Drivers with Key Input Function
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75884 Arkusz danych(HTML) 10 Page - Sanyo Semicon Device

Back Button LC75884 Datasheet HTML 6Page - Sanyo Semicon Device LC75884 Datasheet HTML 7Page - Sanyo Semicon Device LC75884 Datasheet HTML 8Page - Sanyo Semicon Device LC75884 Datasheet HTML 9Page - Sanyo Semicon Device LC75884 Datasheet HTML 10Page - Sanyo Semicon Device LC75884 Datasheet HTML 11Page - Sanyo Semicon Device LC75884 Datasheet HTML 12Page - Sanyo Semicon Device LC75884 Datasheet HTML 13Page - Sanyo Semicon Device LC75884 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Control Data Functions
1. S0, S1 : Sleep control data
These control data bits switch between normal mode and sleep mode and set the states of the KS1 to KS6 key scan
outputs during key scan standby.
Note: This assumes that the KS1/S54 and KS2/S55 output pins are selected for key scan output.
No. 6086-10/27
LC75884E, LC75884W
Control data
Mode
OSC oscillator
Segment outputs
Output pin states during key scan standby
S0
S1
Common outputs
KS1
KS2
KS3
KS4
KS5
KS6
0
0
Normal
Operating
Operating
H
H
H
H
H
H
0
1
Sleep
Stopped
L
L
L
L
L
L
H
1
0
Sleep
Stopped
L
L
L
L
L
H
H
1
1
Sleep
Stopped
L
H
H
H
H
H
H
2. K0, K1 : Key scan output /segment output selection data
These control data bits switch the functions of the KS1/S54 and KS2/S55 output pins between key scan output and
segment output.
X: don’t care
Note: KSn(n=1 or 2) : Key scan output
Sn (n=54 or 55): Segment output
Control data
Output pin state
Maximum number of
K0
K1
KS1/S54
KS2/S55
input keys
0
0
KS1
KS2
30
0
1
S54
KS2
25
1
X
S54
S55
20
3. P0 to P2 : Segment output port/general-purpose output port selection data
These control data bits switch the functions of the S1/P1 to S4/P4 output pins between the segment output port and
the general-purpose output port.
Note: Sn(n=1 to 4): Segment output port
Pn(n=1 to 4): General-purpose output port
The table below lists the correspondence between the display data and the output pins when these pins are selected to be general-purpose output ports.
For example, if the S4/P4 output pin is selected to be a general-purpose output port, the S4/P4 output pin will output a high level (VLCD) when the display data
D13 is 1, and will output a low level (Vss) when D13 is 0.
Control data
Output pin state
P0
P1
P2
S1/P1
S2/P2
S3/P3
S4/P4
0
0
0
S1
S2
S3
S4
0
0
1
P1
S2
S3
S4
0
1
0
P1
P2
S3
S4
0
1
1
P1
P2
P3
S4
1
0
0
P1
P2
P3
P4
Output pin
Corresponding display data
S1/P1
D1
S2/P2
D5
S3/P3
D9
S4/P4
D13


Podobny numer części - LC75884

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75883 SANYO-LC75883 Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75883W SANYO-LC75883W Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
logo
ON Semiconductor
LC75886PW ONSEMI-LC75886PW Datasheet
436Kb / 36P
   1/4 and 1/3-Duty LCD Display Driver
July, 2013
LC75886PW ONSEMI-LC75886PW Datasheet
495Kb / 36P
   Duty LCD Driver
July 2017 - Rev. 1
More results

Podobny opis - LC75884

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75864E SANYO-LC75864E Datasheet
188Kb / 26P
   1/4 Duty LCD Display Drivers with Key Input Function
LC75804E SANYO-LC75804E Datasheet
297Kb / 37P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Princeton Technology Co...
PT16557 PTC-PT16557 Datasheet
617Kb / 8P
   1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
Sanyo Semicon Device
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75863E SANYO-LC75863E Datasheet
230Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function
LC75883E SANYO-LC75883E Datasheet
522Kb / 24P
   1/3 Duty LCD Display Drivers with Key Input Function?
LC75857E SANYO-LC75857E Datasheet
428Kb / 39P
   CMOS IC 1/3, 1/4 Duty LCD Display Drivers with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com