Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

LC78602NE Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LC78602NE
Szczegółowy opis  Compact Disc Player DSP with Built-in Microcontroller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78602NE Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LC78602NE Datasheet HTML 1Page - Sanyo Semicon Device LC78602NE Datasheet HTML 2Page - Sanyo Semicon Device LC78602NE Datasheet HTML 3Page - Sanyo Semicon Device LC78602NE Datasheet HTML 4Page - Sanyo Semicon Device LC78602NE Datasheet HTML 5Page - Sanyo Semicon Device LC78602NE Datasheet HTML 6Page - Sanyo Semicon Device LC78602NE Datasheet HTML 7Page - Sanyo Semicon Device LC78602NE Datasheet HTML 8Page - Sanyo Semicon Device LC78602NE Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Pin Assignment
No. 6021-3/11
LC78602NE
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VSS – 0.3 to VSS + 7.0
V
Input voltage
VIN
VSS – 0.3 to VSS + 0.3
V
Output voltage
VOUT
VSS – 0.3 to VSS + 0.3
V
Allowable power dissipation
Pd max
300
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD, XVDD, L/RVDD, VVDD
4.5
5.5
V
Normal speed playback
VIH1
DEFI, 3 V/*5 V, TMOD, *RES, HFL, TES
0.7 VDD
VDD
V
High-level input voltage
VIH2
*KEYIN
0.8 VDD
VDD
V
VIH3
EFMIN
0.6 VDD
VDD
V
VIH4
PUIN, RMTSL1 to 3, REMOTE, CLOSE, DRF
0.8 VDD
VDD
V
VIL1
DEFI, 3 V/*5 V, TMOD, *RES, HFL, TES
0
0.3 VDD
V
Low-level input voltage
VIL2
*KEYIN
0
0.5 VDD
V
VIL3
EFMIN
0
0.4 VDD
V
VIL4
PUIN, RMTSL1 to 3, REMOTE, CLOSE, DRF
0
0.2 VDD
V
Input level
VIN1
EFMIN: Slice level control
1.0
Vp-p
VIN2
XIN: Capacitor coupled input
1.0
Vp-p
Operating frequency range
fOP
EFMIN
10
MHz
Crystal oscillator frequency
fX
XIN, XOUT
16.9344
MHz
Allowable Operating Ranges at Ta = –20 to +75°C, VDD = 4.5 to 5.5 V, VSS = 0 V
Top view


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Arkusz danych Pobierz

Go To PDF Page

Powiązane numery części

Numer częściSzczegółowy opisHtml ViewProducent
LC78601E Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
LC78628E Compact Disc Player DSP with Built-in HDCD Decoder 1  2  3  4  5  More Sanyo Semicon Device
LC78621E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78622E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78624E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78625E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78620E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
SAA7324 Digital servo processor and Compact Disc decoder with integrated DAC CD10 II 1  2  3  4  5  More NXP Semiconductors
MSM63P180 4-Bit Microcontroller with Built-in 16K Word PROM and 1024-Dot Matrix LCD Drivers 1  2  3  4  5  More OKI electronic componets
SAA7325 Digital servo processor and Compact Disc decoder with integrated DAC CD10 1  2  3  4  5  More NXP Semiconductors

Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn