Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78620E Arkusz danych(PDF) 30 Page - Sanyo Semicon Device

Numer części LC78620E
Szczegółowy opis  Compact Disc Player DSP
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78620E Arkusz danych(HTML) 30 Page - Sanyo Semicon Device

Back Button LC78620E Datasheet HTML 26Page - Sanyo Semicon Device LC78620E Datasheet HTML 27Page - Sanyo Semicon Device LC78620E Datasheet HTML 28Page - Sanyo Semicon Device LC78620E Datasheet HTML 29Page - Sanyo Semicon Device LC78620E Datasheet HTML 30Page - Sanyo Semicon Device LC78620E Datasheet HTML 31Page - Sanyo Semicon Device LC78620E Datasheet HTML 32Page - Sanyo Semicon Device LC78620E Datasheet HTML 33Page - Sanyo Semicon Device LC78620E Datasheet HTML 34Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
• C1 and C2 Error Correction
The LC78620E writes EFM demodulated data to internal RAM to compensate for jitter and then performs the
following processing with uniform timing based on the crystal oscillator clock. First, the LC78620E performs C1
error checking and correction in the C1 block, determines the C1 flags, and writes the C1 flag register. Next, the
LC78620E performs C2 error checking and correction in the C2 block, determines the C2 flags, and writes data to
internal RAM.
Note: 1. If the positions of the errors determined by the C2 check agree with those specified by the C1 flags, the correction is performed and the flags
are cleared. However, if the number of C1 flags is 7 or higher, C2 correction may fail. In this case correction is not performed and the C1 flags
are taken as the C2 flags without change. Error correction is not possible if one error position agrees and the other does not. Furthermore, if
the number of C1 flags is 5 or under, the C1 check result can be seen as unreliable. Accordingly, the flags will be set in this case. Cases
where the number of C1 flags is 6 or more are handled in the same way, and the C1 flags are taken as the C2 flags without change. When
there is not even one agreement between the error positions, error correction is, of course, impossible. Here, if the number of C1 flags was 2
or under, data that was seen as correct after C1 correction is now seen as incorrect data. The flags are set in this case. In other cases, the C1
flags are taken as the C2 flags without change.
2. When data is determined to have three or more errors and be uncorrectable, correction is, of course, impossible. Here, if the number of C1
flags was 2 or under, data that was seen as correct after C1 correction is now seen as incorrect data. The flags are set in this case. In other
cases the C1 flags are taken as the C2 flags without change.
No. 5130-30/34
LC78620E
C1 flag
Error correction and flag processing
No errors
No correction required · Flag reset
1 error
Correction · Flag reset
2 errors
Correction · Flag set
3 errors or more
Correction not possible · Flag set
C2 flag
Error correction and flag processing
No errors
No correction required · Flag reset
1 error
Correction · Flag reset
2 errors
Depends on C1 flags*1
3 errors or more
Depends on C1 flags*2


Podobny numer części - LC78620E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78625 SANYO-LC78625 Datasheet
440Kb / 35P
   Compact Disc Player DSP
More results

Podobny opis - LC78620E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
   Compact Disc Player DSP with Built-in HDCD Decoder
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com