Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

LC78621E Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części LC78621E
Szczegółowy opis  Compact Disc Player DSP
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78621E Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  LC78621E Datasheet HTML 1Page - Sanyo Semicon Device LC78621E Datasheet HTML 2Page - Sanyo Semicon Device LC78621E Datasheet HTML 3Page - Sanyo Semicon Device LC78621E Datasheet HTML 4Page - Sanyo Semicon Device LC78621E Datasheet HTML 5Page - Sanyo Semicon Device LC78621E Datasheet HTML 6Page - Sanyo Semicon Device LC78621E Datasheet HTML 7Page - Sanyo Semicon Device LC78621E Datasheet HTML 8Page - Sanyo Semicon Device LC78621E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Continued from preceding page.
Note: For guaranteed operation, the VCO oscillator frequency range adjustment resistor FR must be a 1.20 k
Ω (±5.0%) tolerance resistor.
One-Bit D/A Converter Analog Characteristics
at Ta = 25°C, VDD = LVDD = RVDD = 5 V, VSS = LVSS = RVSS = 0 V
Note: Measured with the normal-speed playback mode in the Sanyo one-bit D/A converter block reference digital attenuator circuit set to EE (hexadecimal).
Figure 1 Command Input
No. 5223-4/34
LC78621E
Parameter
Symbol
Conditions
min
typ
max
Unit
Total harmonic distortion
THD + N
LCHP, RCHP, LCHN, RCHN; 1 kHz: 0 dB data input,
0.008
0.010
%
using the 20 kHz low-pass filter (AD725D built in)
LCHP, RCHP, LCHN, RCHN; 1 kHz: –60 dB data input,
Dynamic range
DR
using the 20 kHz low-pass filter and the A filter
84
88
dB
(AD725D built in)
LCHP, RCHP, LCHN, RCHN; 1 kHz: 0 dB data input,
Signal-to-noise ratio
S/N
using the 20 kHz low-pass filter and the A filter
98
100
dB
(AD725D built in)
Crosstalk
CT
LCHP, RCHP, LCHN, RCHN; 1 kHz: 0 dB data input,
96
98
dB
using the 20 kHz low-pass filter (AD725D built in)
Parameter
Symbol
Conditions
min
typ
max
Unit
EFMO, EFMO, CLV+, CLV, V/P, FOCS, PCK, FSEQ,
VOL (1)
TOFF, TGL, THLD, JP+, JP, EMPH, EFLG, FSX:
1
V
IOL = 1 mA
MUTEL, MUTER, LRCKO, DFORO, DFOLO, DACKO,
VOL (2)
TST10, LRSY, CK2, ROMXA, C2F, SBSY, PW, SFSY,
0.4
V
Output low-level voltage
WRQ, SQOUT, TST11, 16M, 4.2M, CONT, LASER:
IOL = 2 mA
VOL (3)
DOUT: IOL = 12 mA
0.5
V
VOL (4)
FST: IOL = 5 mA
0.75
V
VOL (5)
LCHP, RCHP, LCHN, RCHN: IOL = 1mA
0.5
2.0
V
Output off leakage current
IOFF (1)
PDO, CLV+, CLV, JP+, JP, FST: VOUT = 5 V
5
µA
IOFF (2)
PDO, CLV+, CLV, JP+, JP: VOUT = 0 V
–5
µA
Charge pump output current
IPDOH
PDO: RISET = 68 kΩ
100
125
150
µA
IPDOL
PDO: RISET = 68 kΩ
–150
–125
–100
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Arkusz danych Pobierz

Go To PDF Page

Powiązane numery części

Numer częściSzczegółowy opisHtml ViewProducent
LC78620E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78622E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78624E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78625E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78628E Compact Disc Player DSP with Built-in HDCD Decoder 1  2  3  4  5  More Sanyo Semicon Device
LC78601E Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
LC78602NE Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
BU24545 Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9540KV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9541AKV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm

Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn