Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

LC78622E Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części LC78622E
Szczegółowy opis  Compact Disc Player DSP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78622E Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  LC78622E Datasheet HTML 1Page - Sanyo Semicon Device LC78622E Datasheet HTML 2Page - Sanyo Semicon Device LC78622E Datasheet HTML 3Page - Sanyo Semicon Device LC78622E Datasheet HTML 4Page - Sanyo Semicon Device LC78622E Datasheet HTML 5Page - Sanyo Semicon Device LC78622E Datasheet HTML 6Page - Sanyo Semicon Device LC78622E Datasheet HTML 7Page - Sanyo Semicon Device LC78622E Datasheet HTML 8Page - Sanyo Semicon Device LC78622E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
No. 5480-4/29
LC78622E
Electrical Characteristics at Ta = 25°C, VDD = 5 V, VSS = 0 V
One-Bit D/A Converter Analog Characteristics
at Ta = 25°C, VDD = LVDD = RVDD = 5 V, VSS = LVSS = RVSS = 0 V
Note: Measured with the normal-speed playback mode in the Sanyo one-bit D/A converter block reference digital attenuator circuit set to EE (hexadecimal).
Parameter
Symbol
Conditions
min
typ
max
Unit
Current drain
IDD
VDD, XVDD, LVDD, RVDD, VVDD
25
35
mA
DEFI, EFMIN, COIN, RES, HFL, TES, SBCK,
Input high level current
IIH (1)
RWC, CQCK: TEST1: VIN = VDD
5
µA
IIH (2)
TAI, TEST2 to TEST5, CS: VIN = VDD = 5.5 V
25
75
µA
DEFI, EFMIN, COIN, RES, HFL, TES, SBCK,
Input low level current
IIL
RWC, CQCK: TAI, TEST1 to TEST5, CS: VIN = 0 V
–5
µA
EFMO, CLV+, CLV, V/P, PCK, FSEQ, TOFF,
VOH (1)
TGL, JP+, JP, EMPH, EFLG, FSX: IOH = –1 mA
4
V
MUTEL, MUTER, C2F, SBSY, PW, SFSY, WRQ,
Output high level voltage
VOH (2)
SQOUT, TST11, 16M, 4.2M, CONT1 to CONT5:
4
V
IOH = –0.5 mA
VOH (3)
DOUT: IOH = –12 mA
4.5
V
EFMO, CLV+, CLV, V/P, PCK, FSEQ,
VOL (1)
TOFF, TGL, JP+, JP, EMPH, EFLG, FSX:
1
V
IOH = 1 mA
Output low level voltage
MUTEL, MUTER,
VOL (2)
C2F, SBSY, PW, SFSY, WRQ, SQOUT,
0.4
V
TST11, 16M, 4.2M, CONT1 to CONT5:
IOH = 2 mA
VOL (3)
DOUT: IOH = 12 mA
0.5
V
IOFF (1)
PDO, CLV+, CLV, JP+, JP, CONT1 to CONT5:
5
µA
VOUT = VDD
Output off leakage current
IOFF (2)
PDO, CLV+, CLV, JP+, JP, CONT1 to CONT5:
–5
µA
VOUT = 0 V
Charge pump output current
IPDOH
PDO: RISET = 68 kΩ
64
80
96
µA
IPDOL
PDO: RISET = 68 kΩ
–96
–80
–64
µA
Parameter
Symbol
Conditions
min
typ
max
Unit
Total harmonic distortion
THD + N
LCHO, RCHO; 1 kHz: 0 dB data input,
0.011
0.013
%
using the 20 kHz low-pass filter (AD725D built in)
LCHO, RCHO; 1 kHz: –60 dB data input,
Dynamic range
DR
using the 20 kHz low-pass filter and the A filter
91
92
dB
(AD725D built in)
LCHO, RCHO; 1 kHz: 0 dB data input,
Signal-to-noise ratio
S/N
using the 20 kHz low-pass filter and the A filter
93
95
dB
(AD725D built in)
Crosstalk
CT
LCHO, RCHO; 1 kHz: 0 dB data input,
82
84
dB
using the 20 kHz low-pass filter (AD725D built in)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Arkusz danych Pobierz

Go To PDF Page

Powiązane numery części

Numer częściSzczegółowy opisHtml ViewProducent
LC78620E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78621E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78624E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78625E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78628E Compact Disc Player DSP with Built-in HDCD Decoder 1  2  3  4  5  More Sanyo Semicon Device
LC78601E Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
LC78602NE Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
BU24545 Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9540KV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9541AKV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm

Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn