Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78624E Arkusz danych(PDF) 20 Page - Sanyo Semicon Device

Numer części LC78624E
Szczegółowy opis  Compact Disc Player DSP
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78624E Arkusz danych(HTML) 20 Page - Sanyo Semicon Device

Back Button LC78624E Datasheet HTML 16Page - Sanyo Semicon Device LC78624E Datasheet HTML 17Page - Sanyo Semicon Device LC78624E Datasheet HTML 18Page - Sanyo Semicon Device LC78624E Datasheet HTML 19Page - Sanyo Semicon Device LC78624E Datasheet HTML 20Page - Sanyo Semicon Device LC78624E Datasheet HTML 21Page - Sanyo Semicon Device LC78624E Datasheet HTML 22Page - Sanyo Semicon Device LC78624E Datasheet HTML 23Page - Sanyo Semicon Device LC78624E Datasheet HTML 24Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
16. Interpolation Circuit
Outputting incorrect audio data that could not be corrected by the error detection and correction circuit would result
in loud noises being output. To minimize this noise, the LC78624E replaces the incorrect data with linearly
interpolated data based on the correct data on either side of the incorrect data. If one set of C2 flags indicate errors,
the above replacement is performed, and if two or more sets of C2 flags indicate errors, the IC holds the previous
value. However, when correct data is output following two or more consecutive C2 flags indicating errors, the data
point between the correct data and the data output two points previously (the held value) is replaced with a value
computed by linearly interpolating those two values.
17. Audio Data Output; Pin 42: LRSY, Pin 43: CK2, Pin 44: ROMXA
The ROMXA pin provides the interpolated audio data, MSB first, synchronized with the edges of the LRSY signal
using the following timing.
18. Text Block
The text block decodes the song titles and other text data stored in the Subcode R through W channels of the compact
disc’s read-in area.
A data pack consists of 24 symbols (24
× 6 = 144 bits) or 18 bytes (18 × 8 = 144 bits). These 18 bytes consist of a 4-
byte ID field, 12 bytes of text data, and a 2-byte CRC. The 1-bit result of the CRC check (“H” for OK, “L” of NG)
for the pack plus the 16 bytes of ID and text data are available to the microcontroller. The chip indicates the
availability of this data with a “L” level pulse (min. 60 µs, max. 150 µs) from the DQSY pin. When the DQSY pin
goes to “L” level, the microcontroller reads this data by supplying 128 clock pulses to the SCLK pin. The time limit
for reading this data is 3.3 ms for normal playback and 1.5 ms for double-speed playback. The ID bits tell the
microcontroller how to interpret the text data that follows.
No. 5811-20/27
LC78624E
A09918
Data holding the
previous value


Podobny numer części - LC78624E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78625 SANYO-LC78625 Datasheet
440Kb / 35P
   Compact Disc Player DSP
More results

Podobny opis - LC78624E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
   Compact Disc Player DSP with Built-in HDCD Decoder
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com