Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

LC78624E Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części LC78624E
Szczegółowy opis  Compact Disc Player DSP
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78624E Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  LC78624E Datasheet HTML 1Page - Sanyo Semicon Device LC78624E Datasheet HTML 2Page - Sanyo Semicon Device LC78624E Datasheet HTML 3Page - Sanyo Semicon Device LC78624E Datasheet HTML 4Page - Sanyo Semicon Device LC78624E Datasheet HTML 5Page - Sanyo Semicon Device LC78624E Datasheet HTML 6Page - Sanyo Semicon Device LC78624E Datasheet HTML 7Page - Sanyo Semicon Device LC78624E Datasheet HTML 8Page - Sanyo Semicon Device LC78624E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
No. 5811-4/27
LC78624E
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
IDD
VDD, XVDD, VVDD
25
35
mA
DEFI, EFMIN, COIN, RES, HFL, TES, SBCK,
Input high level current
IIH (1)
RWC, CQCK: TEST1, SCLK: VIN = VDD
5
µA
IIH (2)
TAI, TEST2 to TEST6, CS: VIN = VDD = 5.5 V
25
75
µA
DEFI, EFMIN, COIN, RES, HFL, TES, SBCK,
Input low level current
IIL
RWC, CQCK: TAI, TEST1 to TEST6, CS, SCLK: VIN = 0 V
–5
µA
EFMO, CLV+, CLV, V/P, PCK, FSEQ, TOFF,
VOH (1)
TGL, JP+, JP, EMPH, EFLG, FSX: IOH = –1 mA
4
V
TEST7 to TEST8, DQSY, SRDT, LRSY, CK2, ROMXA,
Output high level voltage
VOH (2)
C2F, SBSY, PW, SFSY, WRQ, SQOUT, TST11, 16M,
4
V
4.2M, CONT1 to CONT5: IOH = –0.5 mA
VOH (3)
DOUT: IOH = –12 mA
4.5
V
EFMO, CLV+, CLV, V/P, PCK, FSEQ,
VOL (1)
TOFF, TGL, JP+, JP, EMPH, EFLG, FSX:
1
V
IOL = 1 mA
Output low level voltage
TEST7 to TEST8, DQSY, SRDT, LRSY, CK2, ROMXA,
VOL (2)
C2F, SBSY, PW, SFSY, WRQ, SQOUT,
0.4
V
TST11, 16M, 4.2M, CONT1 to CONT5:
IOL = 2 mA
VOL (3)
DOUT: IOL = 12 mA
0.5
V
IOFF (1)
PDO, CLV+, CLV, JP+, JP, CONT1 to CONT5:
5
µA
VOUT = VDD
Output off leakage current
IOFF (2)
PDO, CLV+, CLV, JP+, JP, CONT1 to CONT5:
–5
µA
VOUT = 0 V
Charge pump output current
IPDOH
PDO: RISET = 68 kΩ
64
80
96
µA
IPDOL
PDO: RISET = 68 kΩ
–96
–80
–64
µA
Electrical Characteristics at Ta = 25°C, VDD = 5 V, VSS = 0 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Arkusz danych Pobierz

Go To PDF Page

Powiązane numery części

Numer częściSzczegółowy opisHtml ViewProducent
LC78620E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78621E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78622E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78625E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78628E Compact Disc Player DSP with Built-in HDCD Decoder 1  2  3  4  5  More Sanyo Semicon Device
LC78601E Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
LC78602NE Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
BU24545 Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9540KV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9541AKV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm

Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn