Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

LC78625 Arkusz danych(PDF) 13 Page - Sanyo Semicon Device

Numer części LC78625
Szczegółowy opis  Compact Disc Player DSP
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78625 Arkusz danych(HTML) 13 Page - Sanyo Semicon Device

Back Button LC78625 Datasheet HTML 9Page - Sanyo Semicon Device LC78625 Datasheet HTML 10Page - Sanyo Semicon Device LC78625 Datasheet HTML 11Page - Sanyo Semicon Device LC78625 Datasheet HTML 12Page - Sanyo Semicon Device LC78625 Datasheet HTML 13Page - Sanyo Semicon Device LC78625 Datasheet HTML 14Page - Sanyo Semicon Device LC78625 Datasheet HTML 15Page - Sanyo Semicon Device LC78625 Datasheet HTML 16Page - Sanyo Semicon Device LC78625 Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Note:* Values in parentheses are for the FOCUS START #2 command. The only difference is in the FST low period.
* An FZD falling edge will not be accepted during the period that FST is low.
* After issuing a focus start command, initialization will be performed if RWC is set high. Therefore, do not issue the next command during focus start
until the focus coil drive S curve has completed.
* When focus cannot be achieved (i.e., when FZD does not go low) the FOCS signal will remain in the high state and the lens will remain raised, so the
microprocessor should initialize the system by issuing a NOTHING command.
* When the RES pin is set low, the LASER pin is set high directly.
* Focus start using the DEMO pin executes a mode #1 focus start.
No. 5502-13/35
LC78625E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Arkusz danych Pobierz

Go To PDF Page

Powiązane numery części

Numer częściSzczegółowy opisHtml ViewProducent
LC78620E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78621E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78622E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78624E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78628E Compact Disc Player DSP with Built-in HDCD Decoder 1  2  3  4  5  More Sanyo Semicon Device
LC78601E Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
LC78602NE Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
BU24545 Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9540KV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9541AKV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm

Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn