Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

LC78625 Arkusz danych(PDF) 15 Page - Sanyo Semicon Device

Numer części LC78625
Szczegółowy opis  Compact Disc Player DSP
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78625 Arkusz danych(HTML) 15 Page - Sanyo Semicon Device

Back Button LC78625 Datasheet HTML 11Page - Sanyo Semicon Device LC78625 Datasheet HTML 12Page - Sanyo Semicon Device LC78625 Datasheet HTML 13Page - Sanyo Semicon Device LC78625 Datasheet HTML 14Page - Sanyo Semicon Device LC78625 Datasheet HTML 15Page - Sanyo Semicon Device LC78625 Datasheet HTML 16Page - Sanyo Semicon Device LC78625 Datasheet HTML 17Page - Sanyo Semicon Device LC78625 Datasheet HTML 18Page - Sanyo Semicon Device LC78625 Datasheet HTML 19Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
No. 5502-15/35
LC78625E
• Phase control gain switching
The phase control gain can be changed by changing the divisor used by the dividers in the stage immediately preceding
the phase comparator.
Code
COMMAND
RES = L
$B1
CLV phase comparator divisor: 1/2
$B2
CLV phase comparator divisor: 1/4
$B3
CLV phase comparator divisor: 1/8
$B0
No CLV phase comparator divisor used
q
q
• CLV three-value output
The CLV three-value output command allows the CLV to be controlled by a single pin. However, the spindle gain is 6
dB lower when this pin is used, so applications must increase the gain in the servo system.
Code
COMMAND
RES = L
$B4
CLV three-value output
$B5
CLV two-value output (the scheme used by previous products)
q
q


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Arkusz danych Pobierz

Go To PDF Page

Powiązane numery części

Numer częściSzczegółowy opisHtml ViewProducent
LC78620E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78621E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78622E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78624E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78628E Compact Disc Player DSP with Built-in HDCD Decoder 1  2  3  4  5  More Sanyo Semicon Device
LC78601E Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
LC78602NE Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
BU24545 Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9540KV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9541AKV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm

Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn