Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

LC78625 Arkusz danych(PDF) 18 Page - Sanyo Semicon Device

Numer części LC78625
Szczegółowy opis  Compact Disc Player DSP
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78625 Arkusz danych(HTML) 18 Page - Sanyo Semicon Device

Back Button LC78625 Datasheet HTML 14Page - Sanyo Semicon Device LC78625 Datasheet HTML 15Page - Sanyo Semicon Device LC78625 Datasheet HTML 16Page - Sanyo Semicon Device LC78625 Datasheet HTML 17Page - Sanyo Semicon Device LC78625 Datasheet HTML 18Page - Sanyo Semicon Device LC78625 Datasheet HTML 19Page - Sanyo Semicon Device LC78625 Datasheet HTML 20Page - Sanyo Semicon Device LC78625 Datasheet HTML 21Page - Sanyo Semicon Device LC78625 Datasheet HTML 22Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
No. 5502-18/35
LC78625E
• Track jump modes
The table lists the relationships between acceleration pulses, deceleration pulses, and the braking period.
Note:* Applications can select whether or not a braking period (period C) is present. Code $F6 selects operation without a braking period, and code $7F
selects operation with a 60-ms braking period. The LC78625E defaults to no braking period operation after a reset.
* As indicated in the table, actuator signals are not output during the 256 TRACK CHECK function. This is a mode in which the TES signal is counted in
the tracking loop off state. Therefore, feed motor forwarding is required.
* The servo command register is automatically reset after one cycle of the track jump sequence (a, b, c) completes.
* If another track jump command is issued during a track jump operation, the contents of that new command will be executed immediately.
* The 1 TRACK JUMP #3 and 2 TRACK JUMP modes (the earlier modes) do not have a braking period (the C period). Since brake mode must be
generated by an external circuit, care is required when using this mode.
Item
Previous Track Jump Mode
New Track Jump Mode
a
b
c
a
b
c
1 TRACK JUMP IN (OUT) #1
233 µs
233 µs
60 ms
233 µs
233 µs
60 ms
1 TRACK JUMP IN (OUT) #2
0.5 track jump
233 µs
60 ms
0.5 track jump
0.5 track jump
60 ms
period
period
period
1 TRACK JUMP IN (OUT) #3
0.5 track jump
233 µs
This period does
0.5 track jump
0.5 track jump
This period does
period
not exist.
period
period
not exist.
1 TRACK JUMP IN (OUT) #4
0.5 track jump
233 µs
60 ms; TOFF is low
0.5 track jump
0.5 track jump
60 ms; TOFF is low
period
during the C period.
period
period
during the C period.
2 TRACK JUMP IN (OUT)
None
1 track jump
1 track jump
See note.
period
period
4 TRACK JUMP IN (OUT)
2 track jump
466 µs
60 ms
2 track jump
2 track jump
60 ms
period
period
period
16 TRACK JUMP IN (OUT)
9 track jump
7 track jump
60 ms
9 track jump
9 track jump
60 ms
period
period
period
period
32 TRACK JUMP IN (OUT)
18 track jump
14 track jump
60 ms
18 track jump
14 track jump
60 ms
period
period
period
period
64 TRACK JUMP IN (OUT)
36 track jump
28 track jump
60 ms
36 track jump
28 track jump
60 ms
period
period
period
period
128 TRACK JUMP IN (OUT)
72 track jump
56 track jump
60 ms
72 track jump
56 track jump
60 ms
period
period
period
period
TOFF goes high during the period
TOFF goes high during the period
256 TRACK CHECK
when 256 tracks are passed over.
60 ms
when 256 tracks are passed over.
60 ms
The a and b pulses are not output.
The a and b pulses are not output.
TRACK JUMP BRAKE
There are no a and b periods.
60 ms
There are no a and b periods.
60 ms
When the LC78625E is used in combination with an LA9230/40 Series LSI, since the THLD signal is generated by the
LA9230/40, the THLD pin (pin 25) will be unused, and should be left open.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Arkusz danych Pobierz

Go To PDF Page

Powiązane numery części

Numer częściSzczegółowy opisHtml ViewProducent
LC78620E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78621E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78622E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78624E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78628E Compact Disc Player DSP with Built-in HDCD Decoder 1  2  3  4  5  More Sanyo Semicon Device
LC78601E Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
LC78602NE Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
BU24545 Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9540KV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9541AKV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm

Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn