Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

LC78625 Arkusz danych(PDF) 19 Page - Sanyo Semicon Device

Numer części LC78625
Szczegółowy opis  Compact Disc Player DSP
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78625 Arkusz danych(HTML) 19 Page - Sanyo Semicon Device

Back Button LC78625 Datasheet HTML 15Page - Sanyo Semicon Device LC78625 Datasheet HTML 16Page - Sanyo Semicon Device LC78625 Datasheet HTML 17Page - Sanyo Semicon Device LC78625 Datasheet HTML 18Page - Sanyo Semicon Device LC78625 Datasheet HTML 19Page - Sanyo Semicon Device LC78625 Datasheet HTML 20Page - Sanyo Semicon Device LC78625 Datasheet HTML 21Page - Sanyo Semicon Device LC78625 Datasheet HTML 22Page - Sanyo Semicon Device LC78625 Datasheet HTML 23Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
No. 5502-19/35
LC78625E
• Tracking brake
The chart shows the relationships between the TES, HFL, and TOFF signals during the track jump C period. The TOFF
signal is extracted from the HFL signal by TES signal edges. When the HFL signal is high, the pickup is over the
mirror surface, and when low, the pickup is over data bits. Thus braking is applied based on the TOFF signal being
high when the pickup is moving from a mirror region to a data region and being low when the pickup is moving from a
data region to a mirror region.
• JP three-value output
The JP three value output command allows the track jump operation to be controlled from a single pin. However, the
kick gain is 6 dB lower when this pin is used, so applications must increase the gain in the servo system.
Code
COMMAND
RES = L
$B6
JP three-value output
$B7
JP two-value output (earlier scheme)
q
q
• Track check mode
The LC78625E will count the specified number of tracks when the microprocessor sends an arbitrary binary value in
the range 8 to 254 after issuing either a track check in or a track check out command.
Code
COMMAND
RES = L
$F0
Track check in
$F8
Track check out
$FF
Two-byte command reset
q
q


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Arkusz danych Pobierz

Go To PDF Page

Powiązane numery części

Numer częściSzczegółowy opisHtml ViewProducent
LC78620E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78621E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78622E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78624E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78628E Compact Disc Player DSP with Built-in HDCD Decoder 1  2  3  4  5  More Sanyo Semicon Device
LC78601E Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
LC78602NE Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
BU24545 Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9540KV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9541AKV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm

Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn