Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

LC78625 Arkusz danych(PDF) 25 Page - Sanyo Semicon Device

Numer części LC78625
Szczegółowy opis  Compact Disc Player DSP
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78625 Arkusz danych(HTML) 25 Page - Sanyo Semicon Device

Back Button LC78625 Datasheet HTML 21Page - Sanyo Semicon Device LC78625 Datasheet HTML 22Page - Sanyo Semicon Device LC78625 Datasheet HTML 23Page - Sanyo Semicon Device LC78625 Datasheet HTML 24Page - Sanyo Semicon Device LC78625 Datasheet HTML 25Page - Sanyo Semicon Device LC78625 Datasheet HTML 26Page - Sanyo Semicon Device LC78625 Datasheet HTML 27Page - Sanyo Semicon Device LC78625 Datasheet HTML 28Page - Sanyo Semicon Device LC78625 Datasheet HTML 29Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
19. One-bit D/A converter
The LC78625E PWM block outputs a single data value in the range –3 to +3 once every 64fs period. To reduce
carrier noise, this block adopts an output format in which each data switching block is adjusted so that the PWM
output level does not invert. Also, the attenuator block detects 0 data and enters muting mode so that only a 0 value (a
50% duty signal) is output.
This block outputs a positive phase signal to the LCHP (RCHP) pin and a negative phase signal to the LCHN
(RCHN) pin. High-quality analog signals can be acquired by taking the differences of these two output pairs using
external low-pass filters.
The LC78625E includes built-in extraneous radiation suppression resistors (1 k
Ω) in each of the LCHP/N and
RCHP/N pins.
• PWM output format
• PWM output example
20. CD-ROM outputs; Pin 42: LRSY, pin 43: CK2, pin 44: ROMXA, pin 45: C2F
Although the LC78625E is initially setup to output audio data from the interpolation circuit MSB first from the
ROMXA pin in synchronization with the LRSY signal, the circuit can be switched to output CD-ROM data by
issuing a CD-ROM XA command. Since this data has not been processed by the interpolation, muting, and other
digital circuits, it is appropriate for input to a CD-ROM encoder LSI. CK2 is a 2.1168 MHz clock, and data is output
on the CK2 falling edge. However, this clock polarity can be inverted by issuing a CK2 polarity inversion command.
C2F is the flag information for the data in 8-bit units. Note that the CD-ROM XA reset command has the same
function as the CONT pin (pin 73). The one-bit D/A converter switches to muted mode when a CD-ROMXA
command is input.
No. 5502-25/35
LC78625E
Code
COMMAND
RES = L
$88
CD-ROMXA
$8B
CONT and CD-ROM XA reset
q
q
$C9
CK2 polarity inversion
LC78625E CD-ROM encoder LSI (LC895XX) interface


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Arkusz danych Pobierz

Go To PDF Page

Powiązane numery części

Numer częściSzczegółowy opisHtml ViewProducent
LC78620E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78621E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78622E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78624E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78628E Compact Disc Player DSP with Built-in HDCD Decoder 1  2  3  4  5  More Sanyo Semicon Device
LC78601E Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
LC78602NE Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
BU24545 Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9540KV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9541AKV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm

Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn