Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

LC78625 Arkusz danych(PDF) 29 Page - Sanyo Semicon Device

Numer części LC78625
Szczegółowy opis  Compact Disc Player DSP
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78625 Arkusz danych(HTML) 29 Page - Sanyo Semicon Device

Back Button LC78625 Datasheet HTML 25Page - Sanyo Semicon Device LC78625 Datasheet HTML 26Page - Sanyo Semicon Device LC78625 Datasheet HTML 27Page - Sanyo Semicon Device LC78625 Datasheet HTML 28Page - Sanyo Semicon Device LC78625 Datasheet HTML 29Page - Sanyo Semicon Device LC78625 Datasheet HTML 30Page - Sanyo Semicon Device LC78625 Datasheet HTML 31Page - Sanyo Semicon Device LC78625 Datasheet HTML 32Page - Sanyo Semicon Device LC78625 Datasheet HTML 33Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
27. Reset circuit; Pin 68: RES
When power is first applied, this pin should be briefly set low and then set high. This will set the muting to –
∞ dB
and stop the disc motor.
28. Sound output function for set adjustment during manufacturing; Pin 30: DEMO
The DEMO pin can be used when the LC78625E is used in combination with an LA9210M or LA9211M.
By setting this pin high, muting can be set to 0 dB, the disc motor can be set to CLV, and a focus start operation can
be performed, even without issuing any commands from the control microprocessor. Also, since the LASER pin
becomes active, if the mechanism and servo systems are complete, an EFM signal can be acquired with only this
equipment, and an audio signal can be produced without the presence of a microprocessor. However, since the digital
attenuation is set to 100H, this technique is not appropriate for evaluating audio quality.
No. 5502-29/35
LC78625E
CLV servo related
START
STOP
BRAKE
CLV
Muting control
0 dB
–12 dB
Subcode Q address condition
Address 1
Address Free
Laser control
ON (L)
OFF (H)
CONT
H
L
Track jump mode
Previous
New
Track count mode
Previous
New
Digital attenuator
DATA 0
DATA 00H to EEH
OSC
ON
OFF
Playback speed
Normal speed
Double speed
Antishock mode
ON
OFF
Digital filter normal speed
ON
OFF
Note:
Setting the RES pin low sets the LC78625E to the settings enclosed in boxes in the table.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Arkusz danych Pobierz

Go To PDF Page

Powiązane numery części

Numer częściSzczegółowy opisHtml ViewProducent
LC78620E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78621E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78622E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78624E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78628E Compact Disc Player DSP with Built-in HDCD Decoder 1  2  3  4  5  More Sanyo Semicon Device
LC78601E Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
LC78602NE Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
BU24545 Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9540KV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9541AKV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm

Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn