Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

LC78625 Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LC78625
Szczegółowy opis  Compact Disc Player DSP
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78625 Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LC78625 Datasheet HTML 1Page - Sanyo Semicon Device LC78625 Datasheet HTML 2Page - Sanyo Semicon Device LC78625 Datasheet HTML 3Page - Sanyo Semicon Device LC78625 Datasheet HTML 4Page - Sanyo Semicon Device LC78625 Datasheet HTML 5Page - Sanyo Semicon Device LC78625 Datasheet HTML 6Page - Sanyo Semicon Device LC78625 Datasheet HTML 7Page - Sanyo Semicon Device LC78625 Datasheet HTML 8Page - Sanyo Semicon Device LC78625 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Pin Assignment
No. 5502-3/35
LC78625E
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VSS – 0.3 to +7.0
V
Maximum input voltage
VIN
VSS – 0.3 to VDD + 0.3
V
Maximum output voltage
VOUT
VSS – 0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
300
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VDD (1)
VDD, XVDD, LVDD, RVDD, VVDD :
3.0
5.5
V
Supply voltage
At normal playback speed
VDD (2)
VDD, XVDD, LVDD, RVDD, VVDD :
4.5
5.5
V
At 2
× playback speed
DEFI, FZD, ASDACK/P0, ASFIN/P1,
VIH (1)
ASDEPC/P2, ASLRCK/P3, COIN, RES, HFL,
0.7 VDD
VDD
V
Input high-level voltage
TES, SBCK, RWC, CQCK, TAI, TEST1 to
TEST5, DEMO, CS
VIH (2)
EFMIN
0.6 VDD
VDD
V
DEFI, FZD, ASDACK/P0, ASFIN/P1,
VIL (1)
ASDEPC/P2, ASLRCK/P3, COIN, RES, HFL,
0
0.3 VDD
V
Input low-level voltage
TES, SBCK, RWC, CQCK, TAI, TEST1 to
TEST5, DEMO, CS
VIL (2)
EFMIN
0
0.4 VDD
V
Data setup time
tSU
COIN, RWC : Figure 1
400
ns
Data hold time
tHD
COIN, RWC : Figure 1
400
ns
High-level clock pulse width
tWH
SBCK, CQCK : Figuires 1, 2 and 3
400
ns
Low-level clock pulse width
tWL
SBCK, CQCK : Figuires 1, 2 and 3
400
ns
Data read access time
tRAC
SQOUT, PW : Figuires 2 and 3
0
400
ns
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V
Continued on next page.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Arkusz danych Pobierz

Go To PDF Page

Powiązane numery części

Numer częściSzczegółowy opisHtml ViewProducent
LC78620E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78621E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78622E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78624E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78628E Compact Disc Player DSP with Built-in HDCD Decoder 1  2  3  4  5  More Sanyo Semicon Device
LC78601E Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
LC78602NE Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
BU24545 Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9540KV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9541AKV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm

Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn