Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

LC78625 Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części LC78625
Szczegółowy opis  Compact Disc Player DSP
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78625 Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  LC78625 Datasheet HTML 1Page - Sanyo Semicon Device LC78625 Datasheet HTML 2Page - Sanyo Semicon Device LC78625 Datasheet HTML 3Page - Sanyo Semicon Device LC78625 Datasheet HTML 4Page - Sanyo Semicon Device LC78625 Datasheet HTML 5Page - Sanyo Semicon Device LC78625 Datasheet HTML 6Page - Sanyo Semicon Device LC78625 Datasheet HTML 7Page - Sanyo Semicon Device LC78625 Datasheet HTML 8Page - Sanyo Semicon Device LC78625 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
No. 5502-4/35
LC78625E
Continued from preceding page.
Note: For guaranteed operation, the VCO oscillator frequency range adjustment resistor FR must be a 1.20 k
Ω ±5.0% tolerance resistor.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Command transfer time
tRWC
RWC : Figure 1
1000
ns
Subcode Q read enable time
tSQE
WRQ: Figure 2, with no RWC signal
11.2
ms
Subcode read cycle
tSC
SFSY : Figure 3
136
µs
Subcode read enable time
tSE
SFSY : Figure 3
400
ns
Port input data setup time
tPSU
ASDACK/P0, ASFIN/P1, ASDEPC/P2,
400
ns
ASLRCK/P3, RWC : Figure 4
Port input data hold time
tPHD
ASDACK/P0, ASFIN/P1, ASDEPC/P2,
400
ns
ASLRCK/P3, RWC : Figure 4
Port input clock setup time
tRCQ
CQCK, RWC : Figure 4
100
ns
Port output data delay time
tPDD
ASDACK/P0, ASFIN/P1, ASDEPC/P2,
1200
ns
ASLRCK/P3, RWC : Figure 5
Input level
VIN (1)
EFMIN
1.0
Vp-p
VIN (2)
XIN : Capacitor coupled input
1.0
Vp-p
Operating frequency range
fOP (1)
EFMIN
10
MHz
Crystal oscillator frequency
fX
XIN, XOUT : In 16M mode
16.9344
MHz
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
IDD
30
45
mA
DEFI, EFMIN, FZD, ASDACK/P0, ASFIN/P1,
IIH (1)
ASDEPC/P2, ASLRCK/P3, COIN, RES, HFL,
5
µA
Input high-level current
TES, SBCK, RWC, CQCK : VIN = 5 V
IIH (2)
TAI, TEST1 to TEST5, DEMO, CS :
25
75
µA
VIN = VDD = 5.5 V
DEFI, EFMIN, FZD, ASDACK/P0, ASFIN/P1,
Input low-level current
IIL
ASDEPC/P2, ASLRCK/P3, COIN, RES, HFL,
–5
µA
TES, SBCK, RWC, CQCK, TAI, TEST1 to
TEST5, DEMO, CS : VIN = 0 V
EFMO, EFMO, CLV+, CLV–, V/P, FOCS,
VOH (1)
PCK, FSEQ, TOFF, TGL, THLD, JP+, JP–,
4
V
EMPH, EFLG, FSX : IOH = –1 mA
MUTEL, MUTER, LRCKO, DFORO, DFOLO,
DACKO, TST10, ASDACK/P0, ASFIN/P1,
VOH (2)
ASDEPC/P2, ASLRCK/P3, LRSY, CK2,
4
V
Output high-level voltage
ROMXA, C2F, SBSY, PW, SFSY, WRQ,
SQOUT, TST11, 16M, 4.2M, CONT :
IOH = –0.5 mA
VOH (3)
LASER : IOH = –1 mA
4.6
V
VOH (4)
DOUT : IOH = –12 mA
4.5
V
VOH (5)
LCHP, RCHP, LCHN, RCHN : IOH = –1 mA
3.0
4.5
V
EFMO, EFMO, CLV+, CLV–, V/P, FOCS,
VOL (1)
PCK, FSEQ, TOFF, TGL, THLD, JP+, JP–,
1
V
EMPH, EFLG, FSX : IOL = 1 mA
MUTEL, MUTER, LRCKO, DFORO, DFOLO,
DACKO, TST10, ASDACK/P0, ASFIN/P1,
VOL (2)
ASDEPC/P2, ASLRCK/P3, LRSY, CK2,
0.4
V
Output low-level voltage
ROMXA, C2F, SBSY, PW, SFSY, WRQ,
SQOUT, TST11, 16M, 4.2M, CONT, LASER :
IOL = 2 mA
VOL (3)
DOUT : IOL = 12 mA
0.5
V
VOL (4)
FST : IOL = 5 mA
0.75
V
VOL (5)
LCHP, RCHP, LCHN, RCHN : IOL = 1 mA
0.5
2.0
V
IOFF (1)
PDO, CLV+, CLV–, JP+, JP–, FST :
5
µA
Output off leakage current
VOUT = 5 V
IOFF (2)
PDO, CLV+, CLV–, JP+, JP– : VOUT = 0 V
–5
µA
Charge pump output current
IPDOH
PDO : RISET = 68 k
100
125
150
µA
IPDOL
PDO : RISET = 68 k
–150
–125
–100
µA
Electrical Characteristics at Ta = 25°C, VDD = 5 V, VSS = 0 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Arkusz danych Pobierz

Go To PDF Page

Powiązane numery części

Numer częściSzczegółowy opisHtml ViewProducent
LC78620E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78621E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78622E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78624E Compact Disc Player DSP 1  2  3  4  5  More Sanyo Semicon Device
LC78628E Compact Disc Player DSP with Built-in HDCD Decoder 1  2  3  4  5  More Sanyo Semicon Device
LC78601E Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
LC78602NE Compact Disc Player DSP with Built-in Microcontroller 1  2  3  4  5  More Sanyo Semicon Device
BU24545 Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9540KV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm
BU9541AKV Servo signal processor for compact disc player 1  2  3  4  5  More Rohm

Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn