Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

LC78628E Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LC78628E
Szczegółowy opis  Compact Disc Player DSP with Built-in HDCD Decoder
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78628E Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LC78628E Datasheet HTML 1Page - Sanyo Semicon Device LC78628E Datasheet HTML 2Page - Sanyo Semicon Device LC78628E Datasheet HTML 3Page - Sanyo Semicon Device LC78628E Datasheet HTML 4Page - Sanyo Semicon Device LC78628E Datasheet HTML 5Page - Sanyo Semicon Device LC78628E Datasheet HTML 6Page - Sanyo Semicon Device LC78628E Datasheet HTML 7Page - Sanyo Semicon Device LC78628E Datasheet HTML 8Page - Sanyo Semicon Device LC78628E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Ordering number : ENN6329
32400RM (OT) No. 6329-1/40
Overview
The LC78628E CMOS IC implements signal processing
and servo control for compact disc players, laser disc
players, CD-V, CD-I, and similar products. It provides
functions for demodulation of the EFM signal from the
optical pickup, deinterleaving, error detection and
correction, and processing servo system commands issued
by the system microprocessor. In addition to this basic CD
functionality, it also provides HDCD (High Definition
Compatible Digital) decoding functions and CD text
functions. It also includes a built-in EFM PLL circuit.
Functions
• Full decoding and playback for discs encoded with the
HDCD technique developed by Pacific Microsonics,
Inc.
• Slices the high-frequency input signal at an accurate
level, converts it into the EFM signal, and generates a
PLL clock with an average frequency of 4.3218 MHz
performing a phase comparison with an internal VCO.
• Accurately generates a reference clock signal and all
necessary internal timings using an external 16.9344-
MHz crystal.
• Controls the disc motor speed using a frame phase
difference signal created based on the reproduced clock
signal and the reference clock.
• Performs detection, protection, and interpolation for the
frame synchronizing signal to assure stable data readout.
• Demodulates the EFM signal, converting it to 8-bit
symbol data.
• After applying a CRC check to the subcode Q signal,
outputs that data to the control microprocessor using
serial data transfer.
Continued on next page.
Package Dimensions
unit: mm
3174-QIP80E
0.15
124
25
40
41
64
65
80
21.6
0.8
2.7
1.6
0.35
23.2
20.0
0.8
0.8
SANYO: QIP80E
[LC78628E]
LC78628E
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Compact Disc Player DSP with Built-in HDCD Decoder
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
®
®
HDCD® (High Definition Compatible Digital®) is a registered trademark of Pacific Microsonics, Inc.
in the US and other countries.
A license from Pacific Microsonics, Inc. is required to use this product.
Sanyo Electric Co., Ltd. has acquired license for the use of HDCD technology from Pacific Microsonics, Inc.
The following patents apply to the design of this product:
USA: 5479168, 5638074, 5640161, 5808574, 5838274, 5854600, and 5872531.
Australia: 669114
Other patents have also been applied for.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn