Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

LC78628E Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LC78628E
Szczegółowy opis  Compact Disc Player DSP with Built-in HDCD Decoder
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78628E Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LC78628E Datasheet HTML 1Page - Sanyo Semicon Device LC78628E Datasheet HTML 2Page - Sanyo Semicon Device LC78628E Datasheet HTML 3Page - Sanyo Semicon Device LC78628E Datasheet HTML 4Page - Sanyo Semicon Device LC78628E Datasheet HTML 5Page - Sanyo Semicon Device LC78628E Datasheet HTML 6Page - Sanyo Semicon Device LC78628E Datasheet HTML 7Page - Sanyo Semicon Device LC78628E Datasheet HTML 8Page - Sanyo Semicon Device LC78628E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Pin Assignment
No. 6329-3/40
LC78628E
A12796
SQOUT
COIN
CQCK
RES
TST11
SCLK
DQSY
4.2M
LC78628E
SRDT
TEST5
CS
LRSY
CK2
ROMXA
C2F
TEST1
P2
P1
P0
GAIN
DACKO
DFOLO
DFORO
LRCKO
EMPH
TEST4
16M
JP–
JP+
VDD3V
TEST3
HDCD
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max1
VDD, VVDD, XVDD, LVDD, RVDD
VSS – 0.3 to VSS + 6.0
V
VDD max2
VDD3V
VSS – 0.3 to VSS + 4.0
V
Input voltage
VIN5 max
VSS – 0.3 to VDD1 + 0.3
V
VIN3 max
VSS – 0.3 to VDD2 + 0.3
V
Output voltage
VOUT5 max
VSS – 0.3 to VDD1 + 0.3
V
VOUT3 max
VSS – 0.3 to VDD2 + 0.3
V
Allowable power dissipation
Pd max
500
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD1VDD, VVDD, XVDD, LVDD, RVDD
4.5
5.0
5.5
V
VDD2VDD3V
3.0
3.3
3.6
V
VIH1
DEFI, COIN, RES, HFL, TES, RWC, CQCK, TAI, SCLK,
0.8 VDD1VDD1V
High-level input voltage
CS, PCCL, LRCKI, BCKI, DATAI
VIH2
P0 to P4, TEST1 to TEST5, EMPH
0.7 VDD1VDD1V
VIH3
EFMIN
0.6 VDD1VDD1V
VIL1
DEFI, COIN, RES, HFL, TES, RWC, CQCK, TAI, SCLK,
0
0.2 VDD1V
Low-level input voltage
CS, PCCL, LRCKI, BCKI, DATAI
VIL2
P0 to P4, TEST1 to TEST5, EMPH
0
0.3 VDD1V
VIL3
EFMIN
0
0.4 VDD1V
Allowable Operating Conditions at Ta = 25°C, VSS = 0 V
Continued on next page.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn