Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78628 Arkusz danych(PDF) 28 Page - Sanyo Semicon Device

Numer części LC78628
Szczegółowy opis  Compact Disc Player DSP with Built-in HDCD Decoder
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78628 Arkusz danych(HTML) 28 Page - Sanyo Semicon Device

Back Button LC78628 Datasheet HTML 24Page - Sanyo Semicon Device LC78628 Datasheet HTML 25Page - Sanyo Semicon Device LC78628 Datasheet HTML 26Page - Sanyo Semicon Device LC78628 Datasheet HTML 27Page - Sanyo Semicon Device LC78628 Datasheet HTML 28Page - Sanyo Semicon Device LC78628 Datasheet HTML 29Page - Sanyo Semicon Device LC78628 Datasheet HTML 30Page - Sanyo Semicon Device LC78628 Datasheet HTML 31Page - Sanyo Semicon Device LC78628 Datasheet HTML 32Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
No. 6329-28/40
LC78628E
XDSEL
DIN16
Input source signal to the HDCD filter block
RES = low
00
HDCD decoder block 20-bit output data
q
q
01
1
0
20-bit data input to the LRCKI, BCKI, DATAI, and EMPH pins
1
1
16-bit data input to the LRCKI, BCKI, DATAI, and EMPH pins
1/352.8 kHz
Normal speed: 1/44.1 kHz, 2
× speed: 1/88.2 kHz
Rch
2
1
MSB
18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
MSB
18 17 16 15 14 13 12 11 10 987654321
LSB
2
1
18
LSB
MSB
LSB
LSB
LSB
MSB
MSB
1716151413121110 9 8 7 6 5 4 3 2 1
LSB
MSB
18171615
13
14
121110 9 8 7 6 5 4 3 2 1
LSB
Lch
DFORO
DFOLO
LRCKO
DACKO
DFORO
DFOLO
LRCKO
DACKO
A12827
A12828
• Timing when 1FSOUT is 0
• Timing when 1FSOUT is 1
HDCD Filter Processed Signal Output to the D/A Converter Block
The 8
× oversampled data (4 × oversampled in double-speed playback) processed by the HDCD filter block is transferred
to the internal D/A converter block, converted to PWM data, and output from the LCHP, LCHN, RCHN, and RCHP pins.
This 8
× oversampling filter output signal has had internal deemphasis filtering and attenuator processing applied.
HDCD Filter Block Source Switching — Pin 57: LRCKI, pin 61: BCKI, pin 59: DATAI, pins 32: EMPH
The signal to be processed in the HDCD filter block can be set to be either the 20-bit data from the HDCD decoder block
or external data with the XDSETL flag in the HDCD control register. If data input from outside the IC is selected as the
HDCD filter block source signal, the bit length of that data (i.e. the serial input format) can be switched as shown in the
table below using the DIN16 flag in the HDCD control register.


Podobny numer części - LC78628

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
More results

Podobny opis - LC78628

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com