Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78630E Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LC78630E
Szczegółowy opis  Compact Disk Player DSP
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78630E Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LC78630E Datasheet HTML 1Page - Sanyo Semicon Device LC78630E Datasheet HTML 2Page - Sanyo Semicon Device LC78630E Datasheet HTML 3Page - Sanyo Semicon Device LC78630E Datasheet HTML 4Page - Sanyo Semicon Device LC78630E Datasheet HTML 5Page - Sanyo Semicon Device LC78630E Datasheet HTML 6Page - Sanyo Semicon Device LC78630E Datasheet HTML 7Page - Sanyo Semicon Device LC78630E Datasheet HTML 8Page - Sanyo Semicon Device LC78630E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Overview
The LC78630E is a CD-DA signal-processing LSI for use
in video CD player systems. The LC78630E incorporates
signal-processing circuits for demodulating and de-
interleaving the EFM signal from the optical pickup, error
detection and correction, and digital filtering. It also
includes a 1-bit D/A converter and executes commands
sent from a system control microprocessor.
Features
• Built-in PLL for EFM signal synchronization (a hybrid
analog-digital PLL that supports 4
× playback)
• Built-in PLL for variable pitch playback (±13%)
• 18KB RAM on chip
• Error detection and correction (corrects two errors in C1
and four errors in C2)
• Frame jitter margin: ±8 frames
• Frame synchronization signal detection, protection, and
insertion
• Dual interpolation adopted in the interpolation circuit.
• EFM data demodulation
• Subcode demodulation
• Zero-cross muting adopted
• Servo command interface
• 2fs digital filter
• Digital de-emphasis
• Built-in independent left- and right-channel digital
attenuators (239 attenuation steps)
• Left/right swap function
• Built-in 1-bit D/A converter (third-order
∆∑ noise
shaper, PWM output)
• Built-in digital output circuit
• CLV servo
• Arbitrary track jumping (of up to 255 tracks)
• Variable sled voltage (four levels)
• Built-in oscillator circuit using an external 16.9344 MHz
or 33.8688 MHz (for 4
× playback) element
• Supply voltage: 3.6 to 5.5 V (4.5 to 5.5 V for 4
×
playback mode)
• Six extended I/O ports and 2 extended output ports
Package Dimensions
unit: mm
3174-QFP80E
CMOS LSI
Ordering number : EN 5121B
83097HA (OT)/D3095HA (OT)/60595HA (OT) No. 5121-1/33
SANYO: QIP80E
[LC78630E]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Compact Disk Player DSP
LC78630E


Podobny numer części - LC78630E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC7863 SANYO-LC7863 Datasheet
1Mb / 18P
   DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
LC78631 SANYO-LC78631 Datasheet
503Kb / 34P
   Compact Disk Player DSP
LC78631E SANYO-LC78631E Datasheet
503Kb / 34P
   Compact Disk Player DSP
LC78632 SANYO-LC78632 Datasheet
157Kb / 9P
   Compact Disk Player DSP
LC78632RE SANYO-LC78632RE Datasheet
157Kb / 9P
   Compact Disk Player DSP
More results

Podobny opis - LC78630E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78631E SANYO-LC78631E Datasheet
503Kb / 34P
   Compact Disk Player DSP
LC78632RE SANYO-LC78632RE Datasheet
157Kb / 9P
   Compact Disk Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78626E SANYO-LC78626E Datasheet
475Kb / 32P
   DSP for Compact Disk Players
logo
List of Unclassifed Man...
YM3805 ETC1-YM3805 Datasheet
73Kb / 2P
   Signal Processor Controller for Compact Disk Player
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com