Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78632 Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części LC78632
Szczegółowy opis  Compact Disk Player DSP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78632 Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  LC78632 Datasheet HTML 1Page - Sanyo Semicon Device LC78632 Datasheet HTML 2Page - Sanyo Semicon Device LC78632 Datasheet HTML 3Page - Sanyo Semicon Device LC78632 Datasheet HTML 4Page - Sanyo Semicon Device LC78632 Datasheet HTML 5Page - Sanyo Semicon Device LC78632 Datasheet HTML 6Page - Sanyo Semicon Device LC78632 Datasheet HTML 7Page - Sanyo Semicon Device LC78632 Datasheet HTML 8Page - Sanyo Semicon Device LC78632 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Continued from preceding page.
Note: Due to the structure of this IC, the identical voltage must be applied to all power-supply pins.
Electrical Characteristics at Ta = 25°C, VDD = 5 V, VSS = 0 V
No. 5826-4/9
LC78632RE
Parameter
Symbol
Conditions
min
typ
max
Unit
High-level clock pulse width
tWH
SBCK, CQCK: Figures 1, 2, 3, and 4
400
ns
Low-level clock pulse width
tWL
SBCK, CQCK: Figures 1, 2, 3, and 4
400
ns
Data read access time
tRAC
SQOUT, PW: Figures 2, 3, and 4
0
400
ns
Command transfer time
tRWC
RWC: Figures 1 and 4
1000
ns
Subcode Q read enable time
tSQE
WRQ: Figure 2, with no RWC signal
11.2
ms
Subcode read cycle
tSC
SFSY: Figure 3
136
µs
Subcode read enable
tSE
SFSY: Figure 3
400
ns
Port output delay time
tPD
CONT1, CONT2, P0 to P5: Figure 5
1200
ns
Input level
VEI
EFMI
1.0
Vp-p
VXI
XIN: Capacitance coupled input
1.0
Vp-p
Parameter
Symbol
Conditions
min
typ
max
Unit
Current drain
IDD
Normal-speed playback
30
mA
IIH1
EFMI, HFL, TES, SBCK, RWC, COIN, CQCK, RES,
5
µA
Input high-level current
DEFI: VIN = 5 V
IIH2
TAI, TEST1 to TEST5, CS: VIN = 5 V
25
75
µA
Input low-level current
IIL
TAI, EFMI, HFL, TES, SBCK, RWC, COIN, CQCK, RES,
–5
µA
TEST1 to TEST5, CS, DEFI: VIN = 0 V
EFMO, CLV+, CLV, V/P, PCK, FSEQ, TOFF, TGL,
VOH1
THLD, JP+, JP, EMPH, EFLG, FSX
4
V
IOH = –1 mA
MUTEL, MUTER, LRCKO, DFLRO, DACKO, P0/DFCK,
VOH2
P1/DFIN, P2, P3/DFLR, P4, P5, LRSY, CK2, ROMXA,
4
V
Output high-level voltage
C2F, SBSY, PW, SFSY, WRQ, SQOUT, 16M, 4.2M,
CONT1, CONT2: IOH = –0.5 mA
VOH3
VPDO: IOH = –1 mA
4.5
V
VOH4
DOUT: IOH = –12 mA
4.5
V
VOH5
LCHP, RCHP, LCHN, RCHN: IOH = –1 mA
3.0
4.5
V
EFMO, CLV+, CLV, V/P, PCK, FSEQ, TOFF, TGL,
VOL1
THLD, JP+, JP, EMPH, EFLG, FSX
1
V
IOL = 1 mA
MUTEL, MUTER, LRCKO, DFLRO, DACKO, P0/DFCK,
VOL2
P1/DFIN, P2, P3/DFLR, P4, P5, LRSY, CK2, ROMXA,
0.4
V
Output low-level voltage
C2F, SBSY, PW, SFSY, WRQ, SQOUT, 16M, 4.2M,
CONT1, CONT2: IOL = 2 mA
VOL3
VPDO: IOL = 1 mA
0.5
V
VOL4
DOUT: IOL = 12 mA
0.5
V
VOL5
LCHP, RCHP, LCHN, RCHN: IOL = 1 mA
0.5
2.0
V
IOFF1
PDO1, PDO2, VPDO, P0/DFCK, P1/DFIN,
5
µA
Output off leakage current
P2, P3/DFLR, P4, P5: VOUT = 5 V
IOFF2
PDO1, PDO2, VPDO, P0/DFCK, P1/DFIN,
–5
µA
P2, P3/DFLR, P4, P5: VOUT = 0 V
Charge pump output current
IPDOH
PDO1, PDO2: RISET = 68 kΩ
–96
–80
–64
µA
IPDOL
PDO1, PDO2: RISET = 68 kΩ
64
80
96
µA
VSLD1
1.0
1.25
1.5
V
Sled output voltage
VSLD2
2.25
2.5
2.75
V
VSLD3
3.5
3.75
4.0
V
VSLD4
4.75
V


Podobny numer części - LC78632

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC7863 SANYO-LC7863 Datasheet
1Mb / 18P
   DIGITAL SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
LC78630 SANYO-LC78630 Datasheet
433Kb / 33P
   Compact Disk Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
LC78631 SANYO-LC78631 Datasheet
503Kb / 34P
   Compact Disk Player DSP
LC78631E SANYO-LC78631E Datasheet
503Kb / 34P
   Compact Disk Player DSP
More results

Podobny opis - LC78632

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78631E SANYO-LC78631E Datasheet
503Kb / 34P
   Compact Disk Player DSP
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78626E SANYO-LC78626E Datasheet
475Kb / 32P
   DSP for Compact Disk Players
logo
List of Unclassifed Man...
YM3805 ETC1-YM3805 Datasheet
73Kb / 2P
   Signal Processor Controller for Compact Disk Player
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com