Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78845Q Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LC78845Q
Szczegółowy opis  Sample Rate Converter for Digital Audio
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78845Q Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LC78845Q Datasheet HTML 1Page - Sanyo Semicon Device LC78845Q Datasheet HTML 2Page - Sanyo Semicon Device LC78845Q Datasheet HTML 3Page - Sanyo Semicon Device LC78845Q Datasheet HTML 4Page - Sanyo Semicon Device LC78845Q Datasheet HTML 5Page - Sanyo Semicon Device LC78845Q Datasheet HTML 6Page - Sanyo Semicon Device LC78845Q Datasheet HTML 7Page - Sanyo Semicon Device LC78845Q Datasheet HTML 8Page - Sanyo Semicon Device LC78845Q Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Ordering number : EN*5236
22896HA (OT) No. 5236-1/10
Overview
The LC78845Q is a synchronous sample rate converter for
digital audio signals.
Features
• Converts data sampled at 32 or 48 kHz to 44.1-kHz
sampled data.
• Passes 44.1-kHz sampled data trough without change.
• Supports 384fs and 512fs system clock rates.
•8
× oversampling filters
• Soft muting function
• Built-in PLL circuit
Package Dimensions
unit: mm
3156-QFP48E
Preliminary
SANYO: QIP48E
[LC78845Q]
LC78845Q
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-0005 JAPAN
Sample Rate Converter for Digital Audio
CMOS LSI
This LSI can easily use CCB that is SANYO’s original bus format.
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.
Specifications
Absolute Maximum Ratings at Ta = 25°C
DC Characteristics
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
–0.3 to +7.0
V
I/O voltages
VI, VO
–0.3 to VDD + 0.3
V
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Parameter
Symbol
Conditions
min
typ
max
Unit
Input voltage range
VIN
Ta = –30 to +70°C
0
VDD
V
Input high-level voltage
VIH
0.7 VDD
V
Input low-level voltage
VIL
0.3 VDD
V
Output high-level voltage
VOH
IOH = –1 µA
VDD – 0.05
V
Output low-level voltage
VOL
IOL = 1 µA
VSS + 0.05
V


Podobny numer części - LC78845Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78840M SANYO-LC78840M Datasheet
229Kb / 11P
   Four-times or Eight-times Oversampling Digital Filter
More results

Podobny opis - LC78845Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS8420 CIRRUS-CS8420 Datasheet
1Mb / 80P
   DIGITAL AUDIO SAMPLE RATE CONVERTER
CS8420 CIRRUS-CS8420_07 Datasheet
1Mb / 94P
   DIGITAL AUDIO SAMPLE RATE CONVERTER
logo
Asahi Kasei Microsystem...
AKD4127-A AKM-AKD4127-A Datasheet
221Kb / 20P
   digital sample rate converter.
AKD4125-A AKM-AKD4125-A Datasheet
206Kb / 20P
   digital sample rate converter.
AKD4126-A AKM-AKD4126-A Datasheet
908Kb / 29P
   digital sample rate converter.
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
   Asynchronous Sample Rate Converter
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
   Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
   Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
   Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com