Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC7958 Arkusz danych(PDF) 9 Page - Sanyo Semicon Device

Numer części LC7958
Szczegółowy opis  64-Bit LED Driver for 300 dpi Printers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7958 Arkusz danych(HTML) 9 Page - Sanyo Semicon Device

Back Button LC7958 Datasheet HTML 3Page - Sanyo Semicon Device LC7958 Datasheet HTML 4Page - Sanyo Semicon Device LC7958 Datasheet HTML 5Page - Sanyo Semicon Device LC7958 Datasheet HTML 6Page - Sanyo Semicon Device LC7958 Datasheet HTML 7Page - Sanyo Semicon Device LC7958 Datasheet HTML 8Page - Sanyo Semicon Device LC7958 Datasheet HTML 9Page - Sanyo Semicon Device LC7958 Datasheet HTML 10Page - Sanyo Semicon Device LC7958 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LC7958NC
6585-9/11
Pad Assignment
2
15
16
23
86
22
1
21
20
(0,0)
24
85
17
18
19
Chip size: 5.39 mm
× 1.43 mm
Pad size: (PV open)
110
µm × 110 µm (Others)
Φ 110 µm (VDD2)
100
µm × 100 µm (DOn)
Chip thickness: 330
µm ± 30 µm


Podobny numer części - LC7958

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
LC790Z SEOUL-LC790Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LC791 SEOUL-LC791 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC791 SEOUL-LC791 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC791 SEOUL-LC791 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC791 SEOUL-LC791 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Podobny opis - LC7958

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silan Microelectronics ...
SC16426 SILAN-SC16426 Datasheet
584Kb / 6P
   64-BIT LED STATIC DRIVER
logo
Rohm
BD64550EFV ROHM-BD64550EFV_1 Datasheet
403Kb / 17P
   System Driver for Ink Jet Printers
logo
Seiko Instruments Inc
S-4611A SII-S-4611A Datasheet
279Kb / 4P
   64-bit THERMAL HEAD DRIVER
S-4620A SII-S-4620A Datasheet
273Kb / 4P
   64-bit THERMAL HEAD DRIVER
S-4630A SII-S-4630A Datasheet
266Kb / 4P
   64-bit THERMAL HEAD DRIVER
logo
NEC
UPD16344 NEC-UPD16344 Datasheet
96Kb / 16P
   64-BIT AC-PDP DRIVER
logo
Seiko Instruments Inc
S-4610A SII-S-4610A Datasheet
284Kb / 4P
   64-bit THERMAL HEAD DRIVER
logo
Integral Corp.
IND16337 INTEGRAL-IND16337 Datasheet
324Kb / 9P
   64-BIT AC-PDP DRIVER
logo
NEC
UPD16337 NEC-UPD16337 Datasheet
102Kb / 16P
   64-BIT AC-PDP DRIVER
logo
Seiko Instruments Inc
S-4640A SII-S-4640A Datasheet
289Kb / 5P
   64-bit THERMAL HEAD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com