Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC8213K Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LC8213K
Szczegółowy opis  Image Data Compression/Expansion Processor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8213K Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LC8213K Datasheet HTML 1Page - Sanyo Semicon Device LC8213K Datasheet HTML 2Page - Sanyo Semicon Device LC8213K Datasheet HTML 3Page - Sanyo Semicon Device LC8213K Datasheet HTML 4Page - Sanyo Semicon Device LC8213K Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Allowable Operating Ranges at Ta = –30 to +70°C, VSS = 0 V
DC Characteristics at Ta = –30 to +70°C, VDD = 4.5 to 5.5 V
Block Diagram
• CPU interface
This circuit is a general-purpose 8-bit CPU interface. The operating mode and other aspects are set by accessing the
interface registers and the parameter registers.
• Sequence controller
Controls the functional blocks in the IC according to the encoding or decoding algorithm being used.
• Encoder
Generates the codes in the various modes by recognizing inflection points in the image data. Encoded data is passed to
the data bus through an 8-bit 4-word encoding FIFO (EFIFO).
• Decoder
Recognizes the codes in the various modes and recovers the original image data. Image data is passed to the data bus
through a decoding FIFO (DFIFO).
• Image bus interface
Controls reads from and writes to image memory as well as DMA transfers on the image memory bus.
No. 5753-2/5
LC8213K
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
4.5
5.0
5.5
V
Input voltage range
VIN
0
VDD
V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input high-level voltage
VIH1
2.2
V
Input low-level voltage
VIL1
0.8
V
Input leakage current
IL
–10
+10
µA
Output high-level voltage
VOH
IOH = –4 mA
2.4
V
Output low-level voltage
VOL
IOL = 4 mA
0.4
V
Output leakage current
IOZ
For pins in the high-impedance output state
–10
+10
µA
Input clock frequency
fCLK
CLK
25
MHz
Current drain
IDD
10
20
mA
A2 to A0
D7 to D0
TEST4 to TEST0
MA23 to MA16
MA/MD15 to MA/MD0


Podobny numer części - LC8213K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC8213 SANYO-LC8213 Datasheet
252Kb / 12P
   Image Data Compression/Expansion Processor
More results

Podobny opis - LC8213K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC8213 SANYO-LC8213 Datasheet
252Kb / 12P
   Image Data Compression/Expansion Processor
logo
List of Unclassifed Man...
ZR36050 ETC-ZR36050 Datasheet
262Kb / 52P
   JPEG IMAGE COMPRESSION PROCESSOR
logo
ATMEL Corporation
AT76C101 ATMEL-AT76C101 Datasheet
111Kb / 13P
   JPEG Image Compression Processor
logo
Renesas Technology Corp
M66335FP RENESAS-M66335FP Datasheet
577Kb / 59P
   Facsimile Image Data Processor
logo
Mitsubishi Electric Sem...
M66335FP MITSUBISHI-M66335FP Datasheet
656Kb / 57P
   FACSIMILE IMAGE DATA PROCESSOR
M66333FP MITSUBISHI-M66333FP Datasheet
1Mb / 51P
   FACSIMILE IMAGE DATA PROCESSOR
M66332FP MITSUBISHI-M66332FP Datasheet
336Kb / 43P
   FACSIMILE IMAGE DATA PROCESSOR
M65790FP MITSUBISHI-M65790FP Datasheet
841Kb / 27P
   FBTC IMAGE DATA COMPRESSION and DECOMPRESSION LSI
logo
List of Unclassifed Man...
KL5A71006 ETC-KL5A71006 Datasheet
400Kb / 2P
   JPEG STILL COLOR IMAGE DATA COMPRESSION/DECOMPRESSION LSI
logo
Mitsubishi Electric Sem...
M66330SP MITSUBISHI-M66330SP Datasheet
1Mb / 55P
   BAND COMPRESSION AND EXPANSION CONTROLLER
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com