Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC8213K Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LC8213K
Szczegółowy opis  Image Data Compression/Expansion Processor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC8213K Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LC8213K Datasheet HTML 1Page - Sanyo Semicon Device LC8213K Datasheet HTML 2Page - Sanyo Semicon Device LC8213K Datasheet HTML 3Page - Sanyo Semicon Device LC8213K Datasheet HTML 4Page - Sanyo Semicon Device LC8213K Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
No. 5753-5/5
LC8213K
• CPU interface
The LC8213K has an 8-bit data bus. Various aspects of the operating mode can be set by accessing the interface
registers. Since the LC8213K provides interface pins for a DMA controller, DMA transfers with memory on the CPU
bus are supported.
• Image memory interface
The image memory has a 16-MB address space. A data bus width of either 8 or 16 bits can be selected.
• DMA transfer function
This function performs DMA transfers between image memory and I/O devices using the on-chip DMA controller. The
number of lines of data transferred can be set to any value up to 64k lines.
• Data transfers
Data can be transferred between the CPU bus and the image memory bus without encoding or decoding.
• Pad bit processing
Applications can select whether or not to perform pad bit processing. Pad bit processing consists of adding bits set to 0 at
the end of each line of encoded data so that the data for that line is an even multiple of 8 bits.
• Parameter settings
The LC8213K supports the following parameters, which can be set to any value in the indicated range.
• Number of bits processed on a single line (in byte units): 1 to 8k bytes
• Source document width (in byte units):
1 to 8k bytes
• Number of lines processed:
1 to 64k lines
• Minimum number of bits transmitted per line:
0 to 64k bits
• K parameter for MR encoding:
0 to 64k
• Number of lines handled in DMA transfers:
1 to 64k lines
• Number of EOL codes that form the RTC code:
0 to 255
Since the source document width and the number of bits processed on a single line can be set separately, the LC8213K
supports encoding or decoding the data for a subsection of the source document.
This catalog provides information as of September, 1997. Specifications and information herein are subject to
change without notice.
s No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace
equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of
which may directly or indirectly cause injury, death or property loss.
s Anyone purchasing any products described or contained herein for an above-mentioned use shall:
ΠAccept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and
distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all
damages, cost and expenses associated with such use:
 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on
SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees
jointly or severally.
s Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for
volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied
regarding its use or any infringements of intellectual property rights or other rights of third parties.


Podobny numer części - LC8213K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC8213 SANYO-LC8213 Datasheet
252Kb / 12P
   Image Data Compression/Expansion Processor
More results

Podobny opis - LC8213K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC8213 SANYO-LC8213 Datasheet
252Kb / 12P
   Image Data Compression/Expansion Processor
logo
List of Unclassifed Man...
ZR36050 ETC-ZR36050 Datasheet
262Kb / 52P
   JPEG IMAGE COMPRESSION PROCESSOR
logo
ATMEL Corporation
AT76C101 ATMEL-AT76C101 Datasheet
111Kb / 13P
   JPEG Image Compression Processor
logo
Renesas Technology Corp
M66335FP RENESAS-M66335FP Datasheet
577Kb / 59P
   Facsimile Image Data Processor
logo
Mitsubishi Electric Sem...
M66335FP MITSUBISHI-M66335FP Datasheet
656Kb / 57P
   FACSIMILE IMAGE DATA PROCESSOR
M66333FP MITSUBISHI-M66333FP Datasheet
1Mb / 51P
   FACSIMILE IMAGE DATA PROCESSOR
M66332FP MITSUBISHI-M66332FP Datasheet
336Kb / 43P
   FACSIMILE IMAGE DATA PROCESSOR
M65790FP MITSUBISHI-M65790FP Datasheet
841Kb / 27P
   FBTC IMAGE DATA COMPRESSION and DECOMPRESSION LSI
logo
List of Unclassifed Man...
KL5A71006 ETC-KL5A71006 Datasheet
400Kb / 2P
   JPEG STILL COLOR IMAGE DATA COMPRESSION/DECOMPRESSION LSI
logo
Mitsubishi Electric Sem...
M66330SP MITSUBISHI-M66330SP Datasheet
1Mb / 55P
   BAND COMPRESSION AND EXPANSION CONTROLLER
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com