Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC863232A Arkusz danych(PDF) 10 Page - Sanyo Semicon Device

Numer części LC863232A
Szczegółowy opis  8-Bit Single Chip Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863232A Arkusz danych(HTML) 10 Page - Sanyo Semicon Device

Back Button LC863232A Datasheet HTML 6Page - Sanyo Semicon Device LC863232A Datasheet HTML 7Page - Sanyo Semicon Device LC863232A Datasheet HTML 8Page - Sanyo Semicon Device LC863232A Datasheet HTML 9Page - Sanyo Semicon Device LC863232A Datasheet HTML 10Page - Sanyo Semicon Device LC863232A Datasheet HTML 11Page - Sanyo Semicon Device LC863232A Datasheet HTML 12Page - Sanyo Semicon Device LC863232A Datasheet HTML 13Page - Sanyo Semicon Device LC863232A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LC863232/28/24/20/16A
No.6693-10/20
2. Recommended Operating Range at Ta=-10
°C to +70°C, VSS=0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min.
typ.
max.
unit
VDD(1)
0.844
µs ≤ tCYC
0.852
µs
4.5
5.5
Operating
supply voltage
range
VDD(2)
VDD
4
µs ≤ tCYC
400
µs
4.5
5.5
Hold voltage
VHD
VDD
RAMs and the
registers data are
kept in HOLD
mode.
2.0
5.5
VIH(1)
Port 0 (Schumitt)
Output disable
4.5 - 5.5
0.6VDD
VDD
VIH(2)
•Ports 1,6 (Schumitt)
•Port 7 (Schumitt)
port input/interrupt
• HS , VS , RES
(Schumitt)
Output disable
4.5 - 5.5
0.75VDD
VDD
VIH(3)
Port 70
Watchdog timer input
Output disable
4.5 - 5.5
VDD-0.5
VDD
High level input
voltage
VIH(4)
•Port 8
port input
Output disable
4.5 - 5.5
0.7VDD
VDD
VIL(1)
Port 0 (Schumitt)
Output disable
4.5 - 5.5
VSS
0.2VDD
VIL(2)
•Ports 1,6 (Schumitt)
•Port 7 (Schumitt)
port input/interrupt
• HS , VS , RES
(Schumitt)
Output disable
4.5 - 5.5
VSS
0.25VDD
VIL(3)
Port 70
Watchdog timer input
Output disable
4.5 - 5.5
VSS
0.6VDD
Low level input
voltage
VIL(4)
Port 8
port input
Output disable
4.5 - 5.5
VSS
0.3VDD
V
CVIN
VCVIN
CVIN
5.0
1Vp-p
-3dB
1Vp-p
1Vp-p
+3dB
Vp-p
*
tCYC(1)
•All functions
operating
4.5 - 5.5
0.844
0.848
0.852
tCYC(2)
•AD converter
operating
•OSD and Data
slicer are not
operating
4.5 - 5.5
0.844
30
Operation
cycle time
tCYC(3)
•OSD, AD
converter and
Data slicer are not
operating
4.5 - 5.5
0.844
400
µs
Oscillation
frequency range
FmRC
Internal RC
oscillation
4.5 - 5.5
0.4
0.8
3.0
MHz
* Vp-p : Peak-to-peak voltage


Podobny numer części - LC863232A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC863232C SANYO-LC863232C Datasheet
502Kb / 21P
   8-bit 1-chip Microcontroller
More results

Podobny opis - LC863232A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com