Zakładka z wyszukiwarką danych komponentów |
|
LC863316A Arkusz danych(PDF) 3 Page - Sanyo Semicon Device |
|
LC863316A Arkusz danych(HTML) 3 Page - Sanyo Semicon Device |
3 / 20 page LC863332/28/24/20/16A No.6695-3/20 (6) AD converter - 5 channels × 8-bit AD converters (7) Serial interfaces - IIC-bus compliant serial interface (Multi-master type) Consists of a single built-in circuit with two I/O channels. The two data lines and two clock lines can be connected internally. - Synchronous 8-bit serial interface (8) PWM output - 3 channels × 7-bit PWM (9) Timer - Timer 0 : 16-bit timer/counter With 2-bit prescaler + 8-bit programmable prescaler Mode 0 : Two 8-bit timers with a programmable prescaler Mode 1 : 8-bit timer with a programmable prescaler + 8-bit counter Mode 2 : 16-bit timer with a programmable prescaler Mode 3 : 16-bit counter The resolution of timer is 1 tCYC. - Timer 1 : 16-bit timer/PWM Mode 0 : Two 8-bit timers Mode 1 : 8-bit timer + 8-bit PWM Mode 2 : 16-bit timer Mode 3 : Variable bit PWM (9 to 16 bits) In mode0/1,the resolution of Timer1/PWM is 1 tCYC In mode2/3,the resolution is selectable by program; tCYC or 1/2 tCYC - Base timer Generate every 500ms overflow for a clock application (using 32.768kHz crystal oscillation for the base timer clock) Generate every 976 µs, 3.9ms, 15.6ms, 62.5ms overflow (using 32.768kHz crystal oscillation for the base timer clock) Clock for the base timer is selectable from 32.768kHz crystal oscillation, system clock or programmable prescaler output of Timer 0 (10) Remote control receiver circuit (connected to the P73/INT3/T0IN terminal) - Noise rejection function - Polarity switching (11) Watchdog timer External RC circuit is required Interrupt or system reset is activated when the timer overflows (12) ROM correction function Max 128 bytes / 2 addresses (13) Interrupts - 15 sources 9 vectored interrupts 1. External Interrupt INT0 2. External Interrupt INT1 3. External Interrupt INT2, Timer/counter T0L (Lower 8 bits) 4. External Interrupt INT3, base timer 5. Timer/counter T0H (Upper 8 bits) 6. Timer T1H,T1L 7. SIO0 8. Vertical synchronous signal interrupt ( VS ), horizontal line ( HS ), AD 9. IIC, Port 0 |
Podobny numer części - LC863316A |
|
Podobny opis - LC863316A |