Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC866440B Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części LC866440B
Szczegółowy opis  8-Bit Single Chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866440B Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  LC866440B Datasheet HTML 1Page - Sanyo Semicon Device LC866440B Datasheet HTML 2Page - Sanyo Semicon Device LC866440B Datasheet HTML 3Page - Sanyo Semicon Device LC866440B Datasheet HTML 4Page - Sanyo Semicon Device LC866440B Datasheet HTML 5Page - Sanyo Semicon Device LC866440B Datasheet HTML 6Page - Sanyo Semicon Device LC866440B Datasheet HTML 7Page - Sanyo Semicon Device LC866440B Datasheet HTML 8Page - Sanyo Semicon Device LC866440B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LC866448B/44B/40B/36B/32B/28B/24B/20B/16B/12B/08B
No.6699-4/21
(13) Real-time service operation
The Real-Time Service (RTS) functions the 4-byte data-transfer between the Special Function Registers at
acknowledging the interrupt request.
The RTS starts within 1 instruction cycle-time and completes within 5 instructions cycle-time after occurring the
interrupt request.
(14) Subroutine stack levels
- 128 levels (Max.): Stack area included in RAM area
(15) Multiplication and division
16-bit
× 8-bit (7 instruction cycle times)
16-bit / 8-bit (7 instruction cycle times)
(16) Three oscillation circuits
- On-chip RC oscillation circuit using for the system clock.
- On-chip CF oscillation circuit using for the system clock.
- On-chip crystal oscillation circuit using for the system clock and for time-base clock.
(17) Standby function
- HALT mode function
The HALT mode is used to reduce power dissipation. In this operation mode, program execution is stopped. This
operation mode can be released by interrupt request signals or the initial system reset request signal.
- HOLD mode function
The HOLD mode is used to freeze all the oscillations;
RC (internal), CF and Crystal oscillations. This mode can be released by the following operations.
• Reset terminal ( RES ) set to Low level
• P70/INT0/T0IN, P71/INT1/T0IN terminals set to assigned level (programmable)
• Input a Port 0 interrupt condition
(18) Factory shipment
• QFP80E delivery form
(19) Development support tools
Evaluation (EVA) chip
: LC866097
EPROM version
: LC86E6449
One time version
: LC86P6449
Emulator
: EVA-86000 + ECB866400 (Evaluation chip board) + POD866400 (POD)
Notice for use
1. Set VDD=4.0V to 6.0V at using S16 to S37 as input port.
2. Follow the under table.
Frequency range of the system clock
Voltage range
Clock Divider
Note
15kHz to 30kHz
1/1
Can not use 1/2 divider
30kHz to 6MHz
4.5V to 6.0V
1/1,1/2
15kHz to 30kHz
1/1
Can not use 1/2 divider
30kHz to 1.5MHz
1/1,1/2
1.5MHz to 3MHz
2.5V to 6.0V
1/2
Can not use 1/1 divider
4.5V to 6.0V
1/1,1/2
Internal RC oscillation
2.5V to 6.0V
1/2
Can not use 1/1 divider


Podobny numer części - LC866440B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC866440 SANYO-LC866440 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866440 SANYO-LC866440 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Podobny opis - LC866440B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com