Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC866548A Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LC866548A
Szczegółowy opis  8-Bit Single Chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866548A Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LC866548A Datasheet HTML 1Page - Sanyo Semicon Device LC866548A Datasheet HTML 2Page - Sanyo Semicon Device LC866548A Datasheet HTML 3Page - Sanyo Semicon Device LC866548A Datasheet HTML 4Page - Sanyo Semicon Device LC866548A Datasheet HTML 5Page - Sanyo Semicon Device LC866548A Datasheet HTML 6Page - Sanyo Semicon Device LC866548A Datasheet HTML 7Page - Sanyo Semicon Device LC866548A Datasheet HTML 8Page - Sanyo Semicon Device LC866548A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LC866548/40/32/28/24A
No.6700-2/21
(2) Random Access Memory (RAM)
: LC866548A/40A/32A
1152
× 8 bits
LC866528A/24A
896
× 8 bits
(3) Bus Cycle Time / Instruction Cycle Time
The bus cycle time indicates the speed to read ROM.
Bus cycle time
Cycle time
Clock divider
System clock oscillation
Oscillation Frequency
Voltage
0.5
µs
1
µs
1/1
Ceramic resonator oscillation
6MHz
4.5 - 6.0V
2
µs
4
µs
1/2
Ceramic resonator oscillation
3MHz
4.5 - 6.0V
7.5
µs
15
µs
1/2
RC resonator oscillation
800MHz
4.5 - 6.0V
183
µs
366
µs
1/2
Crystal oscillation
32.768kHZ
4.5 - 6.0V
Note : External resisters (Rf, Rd) are required when X’tal oscillation is used.
(4) Ports
- Input/output ports
: 3 ports
(16 terminals : port 1, 7, 8)
Input/output port programmable in a bit
- 15V withstand Input/output ports
: 2 ports
(16 terminals)
Input/output port programmable nibble unit
: 1 port
(8 terminals : port 0)
(When the N-channel open drain output is selected, the data in a bit can be inputted.)
Input/output port programmable in a bit
: 1 port
(8 terminals : port 3)
- Input port
: 2 ports
(6 terminals : port 7, 8)
- VFD output port
: 52 terminals
Large current output for digit
: 16 terminals
Pull-down resistor option available
- Other function
Input/output port
: 2 ports
(12 terminals : port F, G)
Input port
: 3 ports
(24 terminals : port C, D, E)
(5) VFD automatic display controller
- Segment/digit output pattern programmable
Any segment/digit combination available
VFD parallel-drive available
- 16-step dimmer function available
(6) AD converter
- 8-channels
× 8-bit AD converter
(7) Serial interface
- 1-channel
× 16-bit serial interface circuits
- 1-channel
× 8-bit serial interface circuits
- LSB first/MSB first function available
- Internal 8-bit baud-rate generator in common with two serial interface circuits
- SIO automatic transmission available (2-32 byte data can be transmitted with program automatically and
continuously.)


Podobny numer części - LC866548A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC866548 SANYO-LC866548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866548 SANYO-LC866548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Podobny opis - LC866548A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com