Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC868012A Arkusz danych(PDF) 11 Page - Sanyo Semicon Device

Numer części LC868012A
Szczegółowy opis  8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC868012A Arkusz danych(HTML) 11 Page - Sanyo Semicon Device

Back Button LC868012A Datasheet HTML 7Page - Sanyo Semicon Device LC868012A Datasheet HTML 8Page - Sanyo Semicon Device LC868012A Datasheet HTML 9Page - Sanyo Semicon Device LC868012A Datasheet HTML 10Page - Sanyo Semicon Device LC868012A Datasheet HTML 11Page - Sanyo Semicon Device LC868012A Datasheet HTML 12Page - Sanyo Semicon Device LC868012A Datasheet HTML 13Page - Sanyo Semicon Device LC868012A Datasheet HTML 14Page - Sanyo Semicon Device LC868012A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LC868016/12/08A
No.6723-11/28
Name
No.
I/O
Function description
Option
C1 to C16
65-50
O
LCD output terminals for common
-
S1 to S48
2-49
O
LCD output terminals for segment
LCD output terminals :
segment/common
RES
133
I
Reset
-
ADLC
131
O
Address control signal for external memory
-
EROE
132
O
Enable signal of external ROM output
-
XT1
134
I
Input for 32.768kHz crystal oscillation
In case of non use, connect to VDD
-
XT2
135
O
Output for 32.768kHz crystal oscillation
In case of non use, should be left unconnected
-
CF1
137
I
Input for ceramic resonator oscillation
In case of non use, connect to VDD
-
CF2
138
O
Output for ceramic resonator oscillation
In case of non use, should be left unconnected
-
* Port options can be specified in a bit.
* A state of port at initial
Pin name
Input/output mode
A state of pull-up resistor specified at pull-up option
Port 0, 7
Input
Fixed pull-up resistor exist
Ports 1, 2
Ports 3, 5
Input
Programmable pull-up resistor OFF
Port 4
Input
Programmable pull-up resistor ON
Name
Output level
C1 to C16
VDD (Display OFF)
S1 to S48
VDD (Display OFF)


Podobny numer części - LC868012A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC868108A SANYO-LC868108A Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868112A SANYO-LC868112A Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868116 SANYO-LC868116 Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868116A SANYO-LC868116A Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
More results

Podobny opis - LC868012A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC868116 SANYO-LC868116 Datasheet
686Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com