Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHC1G86 Arkusz danych(PDF) 5 Page - Diodes Incorporated

Numer części 74AHC1G86
Szczegółowy opis  SINGLE 2 INPUT EXCLUSIVE-OR GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1G86 Arkusz danych(HTML) 5 Page - Diodes Incorporated

  74AHC1G86_11 Datasheet HTML 1Page - Diodes Incorporated 74AHC1G86_11 Datasheet HTML 2Page - Diodes Incorporated 74AHC1G86_11 Datasheet HTML 3Page - Diodes Incorporated 74AHC1G86_11 Datasheet HTML 4Page - Diodes Incorporated 74AHC1G86_11 Datasheet HTML 5Page - Diodes Incorporated 74AHC1G86_11 Datasheet HTML 6Page - Diodes Incorporated 74AHC1G86_11 Datasheet HTML 7Page - Diodes Incorporated 74AHC1G86_11 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74AHC1G86
SINGLE 2 INPUT EXCLUSIVE-OR GATE
74AHC1G86
Document number: DS35175 Rev.1 - 2
5 of 8
www.diodes.com
March 2011
© Diodes Incorporated
Operating Characteristics
TA = 25 ºC
Parameter
Test
Conditions
VCC = 5 V
Unit
Typ.
Cpd
Power dissipation capacitance
f = 1 MHz
No Load
12
pF
Parameter Measurement Information
VCC
Inputs
VM
CL
VI
tr/tf
3.3V±0.3V
VCC
≤3ns
VCC/2
15pF
5V±0.5V
VCC
≤3ns
VCC/2
15pF
3.3V±0.3V
VCC
≤3ns
VCC/2
50pF
5V±0.5V
VCC
≤3ns
VCC/2
50pF
Voltage Waveform Pulse Duration
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 1 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.


Podobny numer części - 74AHC1G86_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74AHC1G86-Q100 NEXPERIA-74AHC1G86-Q100 Datasheet
686Kb / 13P
   2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74AHC1G86GV PHILIPS-74AHC1G86GV Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
74AHC1G86GV NXP-74AHC1G86GV Datasheet
80Kb / 12P
   2-input EXCLUSIVE-OR gate
ev. 05-4 July 2007
logo
Nexperia B.V. All right...
74AHC1G86GV NEXPERIA-74AHC1G86GV Datasheet
211Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 6 - 11 January 2022
74AHC1G86GV-Q100 NEXPERIA-74AHC1G86GV-Q100 Datasheet
686Kb / 13P
   2-input EXCLUSIVE-OR gate
More results

Podobny opis - 74AHC1G86_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
   Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
logo
Texas Instruments
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74LVCE1G86 DIODES-74LVCE1G86 Datasheet
275Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32215 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com