Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHC1G14W5 Arkusz danych(PDF) 1 Page - Diodes Incorporated

Numer części 74AHC1G14W5
Szczegółowy opis  SINGLE SCHMITT-TRIGGER INVERETER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1G14W5 Arkusz danych(HTML) 1 Page - Diodes Incorporated

  74AHC1G14W5 Datasheet HTML 1Page - Diodes Incorporated 74AHC1G14W5 Datasheet HTML 2Page - Diodes Incorporated 74AHC1G14W5 Datasheet HTML 3Page - Diodes Incorporated 74AHC1G14W5 Datasheet HTML 4Page - Diodes Incorporated 74AHC1G14W5 Datasheet HTML 5Page - Diodes Incorporated 74AHC1G14W5 Datasheet HTML 6Page - Diodes Incorporated 74AHC1G14W5 Datasheet HTML 7Page - Diodes Incorporated 74AHC1G14W5 Datasheet HTML 8Page - Diodes Incorporated 74AHC1G14W5 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
74AHC1G14
SINGLE SCHMITT-TRIGGER INVERETER
74AHC1G14
Document number: DS35173 Rev. 1 - 2
1 of 9
www.diodes.com
March 2011
© Diodes Incorporated
Description
The 74AHC1G14 is a single 1-input Schmitt-trigger inverter
gate with a standard push-pull output. The device is designed
for operation with a power supply range of 2.0V to 5.5V. The
gate performs the positive Boolean function:
A
Y
=
Pin Assignments
SOT25 / SOT353
NC
GND
Y
Vcc
(Top View)
5
4
3
2
1
A
Features
Supply Voltage Range from 2.0V to 5.5V
± 8 mA Output Drive at 5.0V
CMOS low power consumption
Schmitt Trigger Action at All Inputs Make the Circuit
Tolerant for Slower Input Rise and Fall Time.
ESD Protection per JESD 22
o
Exceeds 200-V Machine Model (A115-A)
o
Exceeds 2000-V Human Body Model (A114-A)
o
Exceeds 1000-V Charged Device Model (C101C)
Latch-Up Exceeds 100mA per JESD 78, Class II
SOT25 and SOT353: Assembled with “Green” Molding
Compound (no Br, Sb)
Lead Free Finish / RoHS Compliant (Note 1)
Applications
General Purpose Logic
Wide array of products such as:
o
PCs, networking, notebooks, netbooks, PDAs
o
Computer peripherals, hard drives, CD/DVD ROM
o
TV, DVD, DVR, set top box
o
Personal Navigation / GPS
o
MP3 players ,Cameras, Video Recorders
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Podobny numer części - 74AHC1G14W5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
74AHC1G14-Q100 NEXPERIA-74AHC1G14-Q100 Datasheet
802Kb / 17P
   Inverting Schmitt trigger
logo
NXP Semiconductors
74AHC1G14GV PHILIPS-74AHC1G14GV Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
More results

Podobny opis - 74AHC1G14W5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74AUP1G14 DIODES-74AUP1G14 Datasheet
191Kb / 11P
   SINGLE SCHMITT-TRIGGER INVERETER
74LVC1G14 DIODES-74LVC1G14 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER INVERETER
DS35123 Rev. 1 - 2
74AHCT1G14 DIODES-74AHCT1G14 Datasheet
180Kb / 8P
   SINGLE SCHMITT-TRIGGER INVERETER
74LVC1G14_1107 DIODES-74LVC1G14_1107 Datasheet
300Kb / 13P
   SINGLE SCHMITT-TRIGGER INVERETER
logo
Rohm
BU4S584 ROHM-BU4S584 Datasheet
38Kb / 4P
   Single Schmitt trigger
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com