Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC866524A Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LC866524A
Szczegółowy opis  8-Bit Single Chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC866524A Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LC866524A Datasheet HTML 1Page - Sanyo Semicon Device LC866524A Datasheet HTML 2Page - Sanyo Semicon Device LC866524A Datasheet HTML 3Page - Sanyo Semicon Device LC866524A Datasheet HTML 4Page - Sanyo Semicon Device LC866524A Datasheet HTML 5Page - Sanyo Semicon Device LC866524A Datasheet HTML 6Page - Sanyo Semicon Device LC866524A Datasheet HTML 7Page - Sanyo Semicon Device LC866524A Datasheet HTML 8Page - Sanyo Semicon Device LC866524A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LC866548/40/32/28/24A
No.6700-3/21
(8) Timers
- Timer 0 : 16-bit timer/counter with 2-bit prescaler + 8-bit programmable prescaler
Mode 0 :
Two 8-bit timers with programmable prescaler
Mode 1 :
8-bit timer with a programmable prescaler + 8-bit counter
Mode 2 :
16-bit timer with a programmable prescaler
Mode 3 :
16-bit counter
The resolution of Timer is tCYC. (tCYC : cycle time)
- Timer 1 : 16-bit timer/PWM with
Mode 0 :
Two 8-bit timers
Mode 1 :
8-bit timer + 8-bit PWM
Mode 2 :
16-bit timer
Mode 3 :
Variable-bit PWM (9-16 bits)
In Mode 0 and Mode 1, the resolution of Timer and PWM is tCYC.
In Mode 2 and Mode 3, the resolution of Timer and PWM selectable : tCYC or 1/2tCYC by program
- Base timer
Every 500ms overflow system for a clock application (using 32.768kHz crystal oscillation for Base timer
clock)
Every 976
µs, 3.9ms, 15.6ms, 62.5ms overflow system (using 32.768kHz crystal oscillation for Base timer
clock)
The Base timer clock selectable ; 32.768kHz crystal oscillation, System clock, and programmable prescaler
output of Timer 0
(9) Buzzer output
- The Buzzer sound frequency selectable ; 4kHz, 2kHz (using 32.768kHz crystal oscillation for Base timer clock)
(10) Remote control receiver circuit (connected to the P73/INT3/T0IN terminal)
- Noise rejection function (the time constant of noise rejection filter : 1tCYC/16tCYC/64tCYC)
(tCYC : instruction cycle time)
- Polarity switching
(11) Watchdog timer
- The watchdog timer is taken on RC outside
- Watchdog timer operation selectable : interrupt system, system reset
(12) Interrupt system
- 14-source 10-vectored interrupts :
1. External Interrupt INT0 (include watchdog timer)
2. External Interrupt INT1
3. External Interrupt INT2, Timer/counter T0L (Lower 8 bits)
4. External Interrupt INT3, base timer
5. Timer/counter T0H (Upper 8 bits)
6. Timer T1H / T1L
7. Serial interface SIO0
8. Serial interface SIO1
9. AD converter
10. VFD automatic display controller, Port 0
- Built-in Interrupt priority control register
Microcontroller allows 3 levels of interrupt ; low level, high level, and highest level of multiplex interrupt. It can
specify a low level or a high level interrupt priority from INT2/T0L through port 0 (i. e. the above interrupt
number from three through ten). It can also specify a low level or the highest level interrupt priority to INT0 and
INT1.
(13) Subroutine stack levels
- 128 levels (Max.) : Stack area included in RAM area


Podobny numer części - LC866524A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC866524 SANYO-LC866524 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC866524 SANYO-LC866524 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results

Podobny opis - LC866524A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com