Zakładka z wyszukiwarką danych komponentów |
|
74AHC1G125W5 Arkusz danych(PDF) 3 Page - Diodes Incorporated |
|
74AHC1G125W5 Arkusz danych(HTML) 3 Page - Diodes Incorporated |
3 / 9 page 74AHC1G125 SINGLE BUFFER GATE WITH 3-STATE OUTPUT 74AHC1G125 Document number: DS35176 Rev. 1 - 2 3 of 9 www.diodes.com March 2011 © Diodes Incorporated Absolute Maximum Ratings (Note 2) Symbol Description Rating Unit ESD HBM Human Body Model ESD Protection 2 KV ESD CDM Charged Device Model ESD Protection 1 KV ESD MM Machine Model ESD Protection 200 V VCC Supply Voltage Range -0.5 to 6.5 V VI Input Voltage Range -0.5 to 6.5 V VO Voltage applied to output in high or low state -0.5 to VCC +0.5 V IIK Input Clamp Current VI<0 -20 mA IOK Output Clamp Current (VO < 0 or VO > VCC) ±20 mA IO Continuous output current (VO = 0 to VCC) ±25 mA ICC Continuous current through VCC 50 mA IGND Continuous current through GND -50 mA TJ Operating Junction Temperature -40 to 150 °C TSTG Storage Temperature -65 to 150 °C Notes: 2. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should be within recommend values. Recommended Operating Conditions (Note 3) Symbol Parameter Min Max Unit VCC Operating Voltage 2 5.5 V VIH High-level Input Voltage VCC = 2V 1.5 V VCC = 3V 2.1 VCC = 5.5V 3.85 VIL Low-level input voltage VCC = 2V 0.5 V VCC = 3V 0.9 VCC = 5.5V 1.65 VI Input Voltage 0 5.5 V VO Output Voltage 0 VCC V IOH High-level output current VCC = 2V -50 uA VCC = 3.3V ± 0.3V -4 mA VCC = 5V ± 0.5V -8 IOL Low-level output current VCC = 2V 50 uA VCC = 5V ± 0.5V 4 mA VCC = 3V 8 Δt/ΔV Input transition rise or fall rate VCC = 3.3V ± 0.3V 100 ns/V VCC = 5V ± 0.5V 20 TA Operating free-air temperature -40 125 ºC Notes: 3. Unused inputs should be held at VCC or Ground. |
Podobny numer części - 74AHC1G125W5 |
|
Podobny opis - 74AHC1G125W5 |