Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC865520 Arkusz danych(PDF) 9 Page - Sanyo Semicon Device

Numer części LC865520
Szczegółowy opis  8-Bit Single Chip Microcontroller????
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865520 Arkusz danych(HTML) 9 Page - Sanyo Semicon Device

Back Button LC865520 Datasheet HTML 5Page - Sanyo Semicon Device LC865520 Datasheet HTML 6Page - Sanyo Semicon Device LC865520 Datasheet HTML 7Page - Sanyo Semicon Device LC865520 Datasheet HTML 8Page - Sanyo Semicon Device LC865520 Datasheet HTML 9Page - Sanyo Semicon Device LC865520 Datasheet HTML 10Page - Sanyo Semicon Device LC865520 Datasheet HTML 11Page - Sanyo Semicon Device LC865520 Datasheet HTML 12Page - Sanyo Semicon Device LC865520 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LC86E5420
No.6805-9/21
Pin name I / O
Function description
Option
PROM mode
PORT8
P80 to P83
I
•4-bit input port
TA (*4)
P84 to P87 I / O •4-bit input / output port
Input / output can be specified in bit unit
•Other function
AD input port (AN7 to AN0)
RES
I
Reset pin.
XT1 / P74
I
•Input pin for the 32.768kHz cyrstal oscillation
•Other function
XT1 : Input port P74
•In case of non use, connect to VDD
XT1 / P75
O
•Output pin for the 32.768kHz cyrstal oscillation
•Other function
XT2 : Input port P75
•In case of non use, connect to VDD at using
as port or unconnect at using as oscillation.
CF1
I
Input pin for the ceramic resonator oscillation.
CF2
O
Output pin for the ceramic resonator oscillation.
All of port options except the pull-down resistor option of Port 0 can be specified in a bit unit.
*1 Memory select input for data security
*2 Output enable input
*3 Chip enable input
*4 TA
→ EPROM control signal input


Podobny numer części - LC865520

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC865520 SANYO-LC865520 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
More results

Podobny opis - LC865520

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com