Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC865412 Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LC865412
Szczegółowy opis  8-Bit Single Chip Microcontroller????
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC865412 Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LC865412 Datasheet HTML 1Page - Sanyo Semicon Device LC865412 Datasheet HTML 2Page - Sanyo Semicon Device LC865412 Datasheet HTML 3Page - Sanyo Semicon Device LC865412 Datasheet HTML 4Page - Sanyo Semicon Device LC865412 Datasheet HTML 5Page - Sanyo Semicon Device LC865412 Datasheet HTML 6Page - Sanyo Semicon Device LC865412 Datasheet HTML 7Page - Sanyo Semicon Device LC865412 Datasheet HTML 8Page - Sanyo Semicon Device LC865412 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LC86E5420
No.6805-2/21
Notice for use
The LC86E5420 is provided for the first release and small shipping of the LC865500 / LC865400 series.
At using, take notice of the followings.
(1) A point of difference the LC86E5420 and the LC865500 / LC865400 series
Item
LC86E5420
LC865520 / 16 / 12 / 08 / 04 / LC865412 / 08 / 04
Operation after reset
The option is specified by degreess until 3ms The program is executed from 00H of
releasing
after going to a 'H' level to the reset terminal. the program counter immediately after
The program is executed from 00H of the
going to a 'H' level to the reset terminal.
program counter.
Operating supply
4.5V to 6.0V
2.5V to 6.0V
voltage range (VDD)
Operating temperature
+10 to +40
°C
--30 to +70
°C
range (Topg)
Power dissipation
Refer to 'electrical characteristics' on the semiconductor news.
The LC86P5420 functions same as the followings while resetting ; LC865520 / 16 / 12 / 08 / 04, LC865412 / 08 /
04.
The LC86E5420 uses 256 bytes that is addressed on 7F00H to 7FFFH in the program memory as the option
configulation data area.
• A kind of the option corresopnding of the LC86E5420
A kind of option
Pins, Circuits
Contents of the option
Input / output form of
Port 0
1. N-channel open drain output
input / output ports
2. CMOS output
*1
1. Pull-up MOS Tr. provided
2. Pull-up MOS Tr. not provided
*2
Port 1
1. Input
: Programmable pull-up MOS Tr.
Output
: N-channel open drain
2. Input
: Programmable pull-up MOS Tr.
*1
Output
: CMOS
Port 3
1. Input
: No Programmable pull-up
MOS Tr.
Output
: N-channel open drain
2. Input
: Programmable pull-up MOS Tr.
*1
Output
: CMOS
*1) Specified in bit
*2) Specified in nibble unit. Pull-up MOS Tr. is not provided in N-channel open drain output port.
(2) Option
The option data is created by the option specified program "SU86K.EXE". The created option data is
linked to the program area by the linkage loader "L86K.EXE".


Podobny numer części - LC865412

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC865412 SANYO-LC865412 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
More results

Podobny opis - LC865412

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com