Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC86E7248 Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części LC86E7248
Szczegółowy opis  8-Bit Single Chip Microcontroller with the UVEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC86E7248 Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button LC86E7248 Datasheet HTML 4Page - Sanyo Semicon Device LC86E7248 Datasheet HTML 5Page - Sanyo Semicon Device LC86E7248 Datasheet HTML 6Page - Sanyo Semicon Device LC86E7248 Datasheet HTML 7Page - Sanyo Semicon Device LC86E7248 Datasheet HTML 8Page - Sanyo Semicon Device LC86E7248 Datasheet HTML 9Page - Sanyo Semicon Device LC86E7248 Datasheet HTML 10Page - Sanyo Semicon Device LC86E7248 Datasheet HTML 11Page - Sanyo Semicon Device LC86E7248 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LC86E7248
No.6749-8/19
Pin name
I/O
Function description
Option
PROM mode
Port A
(S0/PA0 –
S7/PA7)
I/O
• Segment output terminal for LCD display
• Can be used as a general input/output
port
-
Address input
A0 to A7
Port B
(S8/PB0 –
S15/PB7)
I/O
• Segment output terminal for LCD display
• Can be used as a general input/output
port
-
Address input
A8 to A13
Port C
(S16/PC0 –
S23/PC7)
I/O
• Segment output terminal for LCD display
• Can be used as a general input/output
port
-
PROM control
signal input
• TA (*5)
Address input
• A14, A15
Port D
(S24/PD0 –
S31/PD7)
I/O
• Segment output terminal for LCD display
• Can be used as a general input/output
port
-
-
Port E
(S32/PE0 –
S39/PE7)
I/O
• Segment output terminal for LCD display
• Can be used as a general input/output
port
-
-
Port F
(S40/PF0 –
S47/PF7)
I/O
• Segment output terminal for LCD display
• Can be used as a general input/output
port
-
-
Port L
(COM0/PL0
COM3/PL3)
I/O
• Common output terminal for LCD display
• Can be used as a general input port
-
-
V1/PL4 –
V3/PL6
I
• Bias power terminal for LCD drive
• Can be used as a general input port
-
-
RES
I
Reset pin
-
-
XT1/ P74
I
• Input pin for 32.768kHz crystal
oscillation
In case of non use, connect to VDD.
• Other function
A general input port P74
-
-
XT2/P75
O
(I)
• Output pin for 32.768kHz crystal
oscillation
In case of non use, should be left
unconnected
• Other function
A general input port P75
-
-
CF1
I
Input pin for ceramic resonator
oscillation
-
-
CF2
O
Output pin for ceramic resonator
oscillation
-
-
* All of port options can be specified in a bit unit except the pull-up resistor of port 0.
[Notes] • The VDD1, VDD2 and VDD3 terminals must be shorted electrically each other.
• The VSS1, VSS2 and VSS3 terminals must be shorted electrically each other.
*1 Connect like the following figure to reduce noise into a VDD terminals.
*2 Memory select input for data security
*3 Output enable input
*4 Chip enable input
*5 TA ! PROM control signal input
Power
Supply
VDD1
VDD2
VDD3
VSS1 VSS2 VSS3
LSI


Podobny numer części - LC86E7248

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
More results

Podobny opis - LC86E7248

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC86E6548 SANYO-LC86E6548 Datasheet
631Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E7148 SANYO-LC86E7148 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6560 SANYO-LC86E6560 Datasheet
632Kb / 21P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E6449 SANYO-LC86E6449 Datasheet
634Kb / 22P
   8-Bit Single Chip Microcontroller with the UVEPROM
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
LC86E4448 SANYO-LC86E4448 Datasheet
360Kb / 20P
   UVEPROM built-in 8-Bit Single Chip Microcontroller????
LC65E1104 SANYO-LC65E1104 Datasheet
265Kb / 19P
   On-Chip UVEPROM 4-Bit Single-Chip Microcontroller
LC72E32 SANYO-LC72E32 Datasheet
362Kb / 15P
   Single-Chip Microcontroller Plus PLL LSI with On-Chip UVEPROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com