Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC72715PW Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części LC72715PW
Szczegółowy opis  CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72715PW Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button LC72715PW Datasheet HTML 4Page - Sanyo Semicon Device LC72715PW Datasheet HTML 5Page - Sanyo Semicon Device LC72715PW Datasheet HTML 6Page - Sanyo Semicon Device LC72715PW Datasheet HTML 7Page - Sanyo Semicon Device LC72715PW Datasheet HTML 8Page - Sanyo Semicon Device LC72715PW Datasheet HTML 9Page - Sanyo Semicon Device LC72715PW Datasheet HTML 10Page - Sanyo Semicon Device LC72715PW Datasheet HTML 11Page - Sanyo Semicon Device LC72715PW Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LC72715PW
No.A1650-8/26
CPU Interface <CCB Mode>
CCB (Computer Control Bus), which is the Sanyo original serial bus format for Sanyo’s acoustic LSIs, performs data
input and output.
The CCB address is transmitted with CE= “L”, acknowledging the CCB I/O mode when CE is set to “H”.
(1) List of CCB modes
CCB address
Hexadecimal
B0
B1
B2
B3
A0
A1
A2
A3
I/O mode
Description
FAh
0
1
0
1
1
1
1
1
Input
16-bit control data input
FBh
1
1
0
1
1
1
1
1
Output
Output of data corresponding to the
input clock (CL) portion
FCh
0
0
1
1
1
1
1
1
Input
Layer 4 CRC check circuit data input
(on the 8-bit units)
FDh
1
0
1
1
1
1
1
1
Output
Output of the register only
(2) Data input (CCB address FAh)
This is to set data to the LSI internal register. DI input includes both CCB address FAh and 16-bit data (DI0 to
DI15) are input.
Assignment of each bit is as shown in the table below. Though DI12 to DI15 are invalid data, it is necessary to enter
the arbitrary data so that the total of 16 bits can be obtained. For the contents of each register and register address,
refer to the chapter of CPU registers.
(Note that writing into the layer 4 CRC check register will be described later (for the CCB address, use FCh.))
(3) Output of the corrected data (CCB address FBh)
The corrected packet data is output from LSI. The CCB address, FBh, is input in DI.
The valid data to be output is maximum 288 bits. If the clock input (CL input) is interrupted halfway to set CE to the
“L” level, data output is not troubled by the next interrupt.
The maximum data to be output is 288 bits (36 bytes) and the leading two bytes, to which the status register
(STAT) contents and the block number register (BLNO) contents are added, are output.
STAT and BLNO, which are the register contents outputs, are output respectively with LSB first.
The corrected data is output sequentially beginning with the leading bit in data of one block.
The BIC code is not output.
In case of data reading for multiple times by one interrupt signal (INT), the output data is not guaranteed.
STAT (8)
BLN0 (8)
Data block (176)
Error-corrected data
Layer 2 CRC (14)
Parity (82)
7
O
D
to
0
O
D
15
O
D
to
8
O
D
16
O
D
to
191
O
D
205
O
D
to
192
O
D
287
O
D
to
206
O
D
(LSB)
Input data (8-bit)
(MSB)
Register address
Invalid data
DI0
DI1
DI2
DI3
DI4
DI5
DI6
DI7
DI8
DI9
DI10
DI11
DI12 to DI15
BIT0
BIT1
BIT2
BIT3
BIT4
BIT5
BIT6
BIT7
BIT0
BIT1
BIT2
BIT3
BIT4 to BIT7
DI0
B0
B1
B2
B3
A0
A1
A2
A3
DI1
DI13
DI14
DI15
tCH
tCL
CE
CL
DI
Internal data latch
tSU
tHD
tEL
tES
tLC
tEH


Podobny numer części - LC72715PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC72710 SANYO-LC72710 Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72710LW SANYO-LC72710LW Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72711LW SANYO-LC72711LW Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72711LW SANYO-LC72711LW Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
More results

Podobny opis - LC72715PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC01700PW SANYO-LC01700PW Datasheet
141Kb / 18P
   CMOS LSI FM tuner IC for VICS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com