Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC72715PW Arkusz danych(PDF) 10 Page - Sanyo Semicon Device

Numer części LC72715PW
Szczegółowy opis  CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72715PW Arkusz danych(HTML) 10 Page - Sanyo Semicon Device

Back Button LC72715PW Datasheet HTML 6Page - Sanyo Semicon Device LC72715PW Datasheet HTML 7Page - Sanyo Semicon Device LC72715PW Datasheet HTML 8Page - Sanyo Semicon Device LC72715PW Datasheet HTML 9Page - Sanyo Semicon Device LC72715PW Datasheet HTML 10Page - Sanyo Semicon Device LC72715PW Datasheet HTML 11Page - Sanyo Semicon Device LC72715PW Datasheet HTML 12Page - Sanyo Semicon Device LC72715PW Datasheet HTML 13Page - Sanyo Semicon Device LC72715PW Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LC72715PW
No.A1650-10/26
Symbol
Parameter
min
typ
max
unit
tCL
Clock “L” level time
0.7
μs
tCH
Clock “H” level time
0.7
μs
tSU
Data setup time
0.7
μs
tHD
Data hold time
0.7
μs
tEL
CE wait time
0.7
μs
tES
CE setup time
0.7
μs
tEH
CE hold time
0.7
μs
tLC
Data latch change time
0.7
μs
O
tDD
*1
O
D
data output time
277
555
ns
2
O
tDD
O
D
data output off time
140
ns
tCRC
CRC4 change period
0.7
μs
*1 DO data output change time from the “H” level to the “L” level. Output change time from the “L” level to the “H”
level is determined by the external pull-up resistance value and load capacitance value.
CPU Interface <Parallel Mode>
This LSI can perform control via the parallel interface, in addition to the CCB interface. To use the parallel interface, it
is necessary to set the SP pin = L. The data bus width can be selected with the BUSWD pin. (BUSWD pin - L: 8 bits,
H: 16 bits)
The DMA transmission method can also be selected according to the setting of control register.
(1) Data input (register setting)
Data is set to the register in LSI. For accessing, input the register address to A0 to A3 pins and the write data to the
D(n) pin.
Set the CS pin = L, and then the WR pin = L. Subsequently, by setting the WR pin = H and the CS pin = H after the
tWWRL period, the data can be set to the register. It is necessary to keep an interval of tCYWR or more before the
next data input.
tSAWR
tWDH
tWWRL
tCYWR
A0 to A3
CS
WR
D(n)
tHAWR
tWDS


Podobny numer części - LC72715PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC72710 SANYO-LC72710 Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72710LW SANYO-LC72710LW Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72711LW SANYO-LC72711LW Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72711LW SANYO-LC72711LW Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
More results

Podobny opis - LC72715PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC01700PW SANYO-LC01700PW Datasheet
141Kb / 18P
   CMOS LSI FM tuner IC for VICS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com